Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G201X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G201X
Description  G201X STEP MOTOR DRIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G201X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G201X Datasheet HTML 1Page - List of Unclassifed Manufacturers G201X Datasheet HTML 2Page - List of Unclassifed Manufacturers G201X Datasheet HTML 3Page - List of Unclassifed Manufacturers G201X Datasheet HTML 4Page - List of Unclassifed Manufacturers G201X Datasheet HTML 5Page - List of Unclassifed Manufacturers G201X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
G201X STEP MOTOR DRIVE
REV 5: SEPTEMBER 13, 2010
TERMINAL 11
Current Set (OPTIONAL)
Connect one end of your current set resistor to this terminal.
TERMINAL 12
Current Set (OPTIONAL)
Connect the other end of your current set resistor to this terminal.
POWER SUPPLY HOOKUP
TERMINAL 1
Power Ground
Connect the power supply ground to term.1
TERMINAL 2
Power (+)
Connect the power supply “+” to this terminal
The power supply voltage must be between 18 VDC and 80 VDC. The maximum power supply current required is 67% of the
motor’s rated phase current. An unregulated power supply may be used as long as the voltage stays between the limits; keep the
ripple voltage to 10% or less for best results. The drive has a 2 second power-on reset time before the motor is energized.
CAUTION! Power supply voltage in excess of 80 VDC will damage the G201X.
CAUTION! Never put a switch on the DC side of the power supply! This will damage, if not destroy, your drive!
The choice of power supply voltage depends on the high speed performance required of the motor; doubling the voltage doubles
the motor’s high speed power. In all cases the power supply voltage should be no less than 4 times or no more than 25 times the
motor’s rated voltage. The motor may not run as smoothly as possible if the power supply voltage is less than 4 times the motor’s
rated voltage. A power supply voltage greater than 25 times the motor’s rated voltage will overheat and damage the motor, even if
it is not turning. Motor winding inductance should be 500uH or greater, but generally no more than 7mH.
A more accurate calculation of power supply voltage is to find your motor’s inductance, and put it into the following equation.
32 * (√mH inductance) = Power Supply Voltage
If your motor has 2mH of inductance, the equation would look as follows.
32 * (√2) = 45.12V
MOTOR CONNECTION
TERMINAL 3
Phase A
Connect one motor winding to this terminal
TERMINAL 4
Phase /A
Connect the other end of the winding to this terminal
TERMINAL 5
Phase B
Connect the other motor winding to this terminal
TERMINAL 6
Phase /B
Connect the other end of the winding to this terminal
Connect one motor winding to terminals 3 and 4. Connect the other winding to terminals 5 and 6. Turn the power supply off when
connecting or disconnecting the motor. If the motor turns in the wrong direction, reverse the motor winding connections to
terminals 3 and 4.
CAUTION! Do not short the motor leads to each other or to ground; damage will result to the G201X.
4-wire, 6-wire and 8-wire motor may be used. When 6-wire motors are used, they may be connected in half winding or full
winding. This is equivalent to an 8-wire motor connected in parallel or series. If a motor is connected in series or full winding, the
motor’s phase current rating is half of its parallel or unipolar rating. The choice depends on the high-speed performance required;
a parallel-connected motor will provide twice the power of a series-connected motor at the same power supply voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com