Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G201X Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G201X
Description  G201X STEP MOTOR DRIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G201X Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G201X Datasheet HTML 1Page - List of Unclassifed Manufacturers G201X Datasheet HTML 2Page - List of Unclassifed Manufacturers G201X Datasheet HTML 3Page - List of Unclassifed Manufacturers G201X Datasheet HTML 4Page - List of Unclassifed Manufacturers G201X Datasheet HTML 5Page - List of Unclassifed Manufacturers G201X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
G201X STEP MOTOR DRIVE
REV 5: SEPTEMBER 13, 2010
HEATSINKING
The G201X needs heatsinking for current settings greater than 3 amps. The case temperature (measured on the bottom plate)
should not exceed 70 degrees C, and for best life should be kept to 50 degrees or less. Use heatsink compound between the
G201X and the heatsink.
CAUTION! Current settings above 3 Amps without a heatsink will result in damage to the G201X.
The drive must be heatsinked to a piece of aluminum, preferably with fins and a fan to increase heat dissipation and surface area.
Do not screw the drives directly to the door of your control cabinet, as this will typically not provide adequate heatsinking
properties.
OPTION SET SWITCH
The G201X has 3 settable options which are set via the 10 position DIP switch (visible through the aluminum cover). These
options are:
1.)
Current Set Switches
The current can be set in 0.2A increments using the onboard DIP switch positions SW1, SW2, SW3, SW4, and SW5 or with
a current set resistor. If you are using the DIP switch method, be sure to have nothing connected in TERMINALS 11 and 12;
if you are using a current set resistor be sure to set SW1, SW2, SW3, SW4 and SW5 to the “ON” position.
2.)
Automatic Current Standby
The G201X reduces motor phase current to 50% of the set value when the motor is stopped. This can reduce motor heating
up to 4-fold while the motor is not moving. If enabled, this reduction occurs 1 second after the last step pulse is sent to the
drive. Full current is restored immediately upon resumption of step pulses. SW9 enables this function wh
en “ON” and
disables this function when “OFF”.
3.)
NEMA-34 and NEMA-42 Motor
Use this option if the drive is to be used with NEMA-34 and NEMA-42 size motors. This option adjusts the midband
compensation circuit for optimum performance when using a NEMA-34 and NEMA-42 motors. SW10 enables this function
when “OFF” and disables this function when “ON”. SW10 should be “ON” when used with NEMA-17 and NEMA-23 motors.
RESTORING FACTORY DEFAULTS
To restore the G201X to the factory settings set the
trimpot to the 11 o’clock position and set SW1-SW10 to “ON”.
DISCLAIMER
CERTAIN APPLICATIONS USING POWER PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY
OR SEVERE DAMAGE TO PROPERTY. GECKODRIVE INC. PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR
WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT DEVICES OR OTHER CRITICAL APPLICATIONS. INCLUSION
OF GECKODRIVE INC. PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE PURCHASER’S
OWN RISK
In order to minimize risks associated with the purcha
ser’s application, adequate design and operating safeguards must be
provided by the purchaser to minimize inherent or procedural hazards. GECKODRIVE INC. assumes no liability for applications
assistance or the purchaser’s product design. GECKODRIVE INC. does not warrant or represent that any license, either express
or implied, is granted under any patent right, copyright or other intellectual property right of GECKODRIVE INC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com