Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G201X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G201X
Description  G201X STEP MOTOR DRIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G201X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G201X Datasheet HTML 1Page - List of Unclassifed Manufacturers G201X Datasheet HTML 2Page - List of Unclassifed Manufacturers G201X Datasheet HTML 3Page - List of Unclassifed Manufacturers G201X Datasheet HTML 4Page - List of Unclassifed Manufacturers G201X Datasheet HTML 5Page - List of Unclassifed Manufacturers G201X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
G201X STEP MOTOR DRIVE
REV 5: SEPTEMBER 13, 2010
Thank you for purchasing the G201X drive. The G201X microstep drive is warranted to be free of manufacturing defects for 1
year from the date of purchase. Also anyone who is dissatisfied with it or is unable to make it work will be cheerfully refunded the
purchase price if the G201X is returned within 15 days of the purchase date.
PLEASE READ FIRST BEFORE USING THE G201X
Before beginning, be sure to have a suitable step motor, a DC power supply suitable for the motor and a current set resistor. The
motor’s rated phase current must be between 0 Amps and 7 Amps. The power supply voltage must be between 4 times and 20
times the motor’s rated voltage. The current set resistor may be a 1/4 Watt, 5% part. Finally have a STEP and DIRECTION pulse
source available.
DIFFERENCES BETWEEN THE G201X AND G201
The G201X is 100% backwards compatible with the G201 and G210. It has several new features and performance
enhancements:
1.)
STEP and DIRECTION is +3.3VDC and +5VDC compatible at 2.5mA
2.)
Recirculate mode during STANDBY greatly reduces motor heating while stopped
3.)
No external 470uF capacitor needed
4.)
Power-on RESET
5.)
Direction is clocked in on the active step pulse edge
6.)
No internal jumpers, no current set resistor, DIP switch settings
7.)
Low motor heating while stopped
8.)
Universal step and direction COMMON
G201X TERMINAL WIRING
The G201X uses a 2-piece modular main connector. The connector is split in two pieces; terminals 1 through 6 (power supply and
motor leads) and terminals 7 through 12 (control interface). Each can be removed separately by pulling the connector body
upwards and off of the mating header pins on the G201X. The connectors must initially be removed to mount the G201X to a
heatsink or chassis.
TERMINAL 1
Power Ground
Connect the negative (black) lead of your power supply to this terminal.
TERMINAL 2
Power (+)
Connect the positive (red) lead of your power supply to this terminal. It must be between +18VDC to
+80VDC.
TERMINAL 3
Motor Phase A
Connect one end of your “Phase A” motor winding here.
TERMINAL 4
Motor Phase /A
Connect the othe
r end of your “Phase A” motor winding here.
TERMINAL 5
Motor Phase B
Connect one end of your “Phase B” motor winding here.
TERMINAL 6
Motor Phase /B
Connect the other end of your “Phase B” motor winding here.
TERMINAL 7
Disable
This terminal will force the winding currents to zero when shorted to ground (TERMINAL 12).
TERMINAL 8
Direction
Connect the DIRECTION signal to this terminal.
TERMINAL 9
Step
Connect the STEP signal to this terminal.
TERMINAL 10
Common
Connect
the controller’s +3.3VDC, +5VDC or GND to this terminal.


Similar Part No. - G201X

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G201 MPD-G201 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Multicomp Pro
G201 MULTICOMP-G201 Datasheet
304Kb / 3P
Multipurpose Boxes with Lids
14/09/20 V1.0
logo
Global Mixed-mode Techn...
G2010 GMT-G2010 Datasheet
90Kb / 1P
1-Channel DC Motor Driver for Toy
logo
Heyco.
G2010 HEYCO-G2010 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
logo
Global Mixed-mode Techn...
G2011 GMT-G2011 Datasheet
80Kb / 1P
2-Channel DC Motor Driver for Toy
More results

Similar Description - G201X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6208 ETC-D6208 Datasheet
222Kb / 3P
MOTOR DRIVE SERIES
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
DC Motor Drive
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
Industrial Motor Drive
IRD3CH16DB6 IRF-IRD3CH16DB6 Datasheet
235Kb / 6P
Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
Industrial Motor Drive
logo
Fluke Corporation
MDA-550 FLUKE-MDA-550 Datasheet
3Mb / 36P
Motor Drive Analyzer
logo
Shenzhen Huazhimei Semi...
HM2503A HMSEMI-HM2503A Datasheet
359Kb / 4P
Motor drive circuit
logo
Applied Motion Products...
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
SI5580 AMP-SI5580 Datasheet
133Kb / 9P
Si5580 Programmable Step Motor Drive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com