Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS4427PBF. Datasheet(PDF) 4 Page - International Rectifier

Part # IRS4427PBF.
Description  DUAL LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS4427PBF. Datasheet(HTML) 4 Page - International Rectifier

  IRS4427PBF. Datasheet HTML 1Page - International Rectifier IRS4427PBF. Datasheet HTML 2Page - International Rectifier IRS4427PBF. Datasheet HTML 3Page - International Rectifier IRS4427PBF. Datasheet HTML 4Page - International Rectifier IRS4427PBF. Datasheet HTML 5Page - International Rectifier IRS4427PBF. Datasheet HTML 6Page - International Rectifier IRS4427PBF. Datasheet HTML 7Page - International Rectifier IRS4427PBF. Datasheet HTML 8Page - International Rectifier IRS4427PBF. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IRS4427
www.irf.com
© 2010 International Rectifier
4
Qualification Information
†
Qualification Level
Industrial
††
Comments: This family of ICs has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
Moisture Sensitivity Level
Not Applicable
(non surface mount package style)
ESD
Machine Model
Class B
(per JEDEC standard JESD22-A115)
Human Body Model
Class 3A
(per EIA/JEDEC standard EIA/JESD22-A114)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com