Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS4427PBF. Datasheet(PDF) 6 Page - International Rectifier

Part # IRS4427PBF.
Description  DUAL LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS4427PBF. Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS4427PBF. Datasheet HTML 2Page - International Rectifier IRS4427PBF. Datasheet HTML 3Page - International Rectifier IRS4427PBF. Datasheet HTML 4Page - International Rectifier IRS4427PBF. Datasheet HTML 5Page - International Rectifier IRS4427PBF. Datasheet HTML 6Page - International Rectifier IRS4427PBF. Datasheet HTML 7Page - International Rectifier IRS4427PBF. Datasheet HTML 8Page - International Rectifier IRS4427PBF. Datasheet HTML 9Page - International Rectifier IRS4427PBF. Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IRS4427
www.irf.com
© 2010 International Rectifier
6
Static Electrical Characteristics
VCC = 15V, TA = 25°C unless otherwise specified. The VIN, and IIN parameters are referenced to COM and are
applicable to input leads: INA and INB. The VO and IO parameters are referenced to COM and are applicable
to the output leads: OUTA and OUTB.
Dynamic Electrical Characteristics
VCC = 15V, TA = 25°C, and CL = 1000pF unless otherwise specified.
Symbol
Definition
Min
Typ Max Units
Test Conditions
VIH
Logic “1” input voltage
2.5
—
—
V
VIL
Logic “0” input voltage
—
—
0.8
V
VOH
High level output voltage, VBIAS -VO
—
—
1.4
IO = 0 mA
VOL
Low level output voltage, VO
—
—
0.15
IO = 20 mA
IIN+
Logic “1” input bias current
—
5
15
µA
VIN = 5V
IIN-
Logic “0” input bias current
-30
-10
—
VIN = 0V
IQCC
Quiescent VCC supply current
—
100 200
VIN = 0V or 5V
IO+
Output high short circuit pulsed current
—
2.3
—
A
VO = 0V, VIN = 5V
IO-
Output low short circuit pulsed current
—
3.3
—
VO = 15V, VIN = COM
Symbol
Definition
Min
Typ Max Units
Test Conditions
ton
Turn-on propagation delay
—
50
95
ns
Figure 2
toff
Turn-off propagation delay
—
50
95
tr
Turn-on rise time
—
25
55
tf
Turn-off fall time
—
25
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com