Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS4427PBF. Datasheet(PDF) 5 Page - International Rectifier

Part # IRS4427PBF.
Description  DUAL LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS4427PBF. Datasheet(HTML) 5 Page - International Rectifier

  IRS4427PBF. Datasheet HTML 1Page - International Rectifier IRS4427PBF. Datasheet HTML 2Page - International Rectifier IRS4427PBF. Datasheet HTML 3Page - International Rectifier IRS4427PBF. Datasheet HTML 4Page - International Rectifier IRS4427PBF. Datasheet HTML 5Page - International Rectifier IRS4427PBF. Datasheet HTML 6Page - International Rectifier IRS4427PBF. Datasheet HTML 7Page - International Rectifier IRS4427PBF. Datasheet HTML 8Page - International Rectifier IRS4427PBF. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IRS4427
www.irf.com
© 2010 International Rectifier
5
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation
ratings are measured under board mounted and still air conditions.
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions.
All voltage
parameters are absolute voltages referenced to COM unless otherwise stated in the table. The offset rating
is tested with supply of VCC = 15V.
Symbol
Definition
Min
Max
Units
VCC
Fixed supply voltage
-0.3
20
V
VO
Output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage
-0.3
VCC + 0.3
PD
Package power dissipation @ TA ≤ 25°C
—
1
W
RthJA
Thermal resistance, junction to ambient
—
125
°C/W
TJ
Junction temperature
—
150
°C
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Symbol
Definition
Min
Max
Units
VCC
Fixed supply voltage
6
20
V
VO
Output voltage
0
VCC
VIN
Logic input voltage
0
VCC
TA
Ambient temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com