Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232DB25 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # ICUSB232DB25
Description  USB to RS232 DB9/DB25 Serial Adapter Cable - M/M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232DB25 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  ICUSB232DB25 Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232DB25 Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232DB25 Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232DB25 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Warranty
2 Years
Port Style
Cable Adapter
Ports
1
Interface
USB 2.0
Bus Type
USB 2.0
Chipset ID
Prolific - PL-2303
Connector
Type(s)
1 - USB A (4 pin) Male
External Ports 1 - DB-25 (25 pin; D-Sub) Male
External Ports 1 - DB-9 (9 pin; D-Sub) Male
Max Baud
Rate
230.4 Kbps
Serial Protocol RS-232
Data Bits
4, 5, 6, 7, 8
FIFO
512 Bytes
Flow Control
None, Xon/ Xoff, Hardware
Parity
None, Even, Odd, Mark, Space
Stop Bits
1, 1.5, 2
OS
Compatibility
Windows® 8 (32/64bit), 7 (32/64), Vista(32/64), XP(32/64), XP Embedded, POS Ready 2009,
Embedded System 2009, CE 4.2/5.2, Windows Mobile 5/6, PocketPC 2003, 2000
Windows® Server 2008 R2, 2003(32/64)
Mac OS 10.1 and up (Tested up to 10.8)
Linux
Microsoft
WHQL
Certified
Yes
Cable Length 0.9 m [3 ft]
Enclosure
Type
Plastic
Color
Gray
Product Length 0.9 m [3 ft]
Product
Weight
70 g [2.5 oz]
Humidity
5~85% RH
Operating
Temperature
0°C to 70°C (32°F to 158°F)
uk.startech.com
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com