Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232DB25 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # ICUSB232DB25
Description  USB to RS232 DB9/DB25 Serial Adapter Cable - M/M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232DB25 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  ICUSB232DB25 Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232DB25 Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232DB25 Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232DB25 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USB to RS232 DB9/DB25 Serial Adapter Cable - M/M
StarTech ID: ICUSB232DB25
The ICUSB232DB25 USB to RS232 DB9/DB25 Serial Adapter Cable (M/M) lets you connect 9-pin (DB9) or 25-pin
(DB25) RS232 serial devices to your laptop or desktop computer through a USB port, as though the computer
offered an onboard serial port. The integrated 3-foot (0.9 meter) cable allows it to be connected directly from the
serial device to the computer without requiring additional cables.
A cost-effective solution that bridges the compatibility gap between modern computers and legacy serial
peripherals, this high quality USB/RS232 Serial Adapter cable ships with a DB-9 to DB-25 adapter for connection
to varied serial equipment.
Backed by a StarTech.com 2-year warranty and free lifetime technical support.
Applications
Ideal for connecting serial devices to laptops or tablet PCs through the USB port
Connect to and monitor/control industrial sensors
Connect bar code scanners and other serial devices to a USB port
Connect a serial modem, digital camera, or PDA with serial sync to your PC's USB port
Connect to automotive ODB/ODBII sensor adapters that use serial connectivity
uk.startech.com
0800 169 0408


Similar Part No. - ICUSB232DB25

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
ICUSB2321F STARTECH-ICUSB2321F Datasheet
203Kb / 4P
1 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
ICUSB2322F STARTECH-ICUSB2322F Datasheet
202Kb / 4P
2 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
ICUSB2322I STARTECH-ICUSB2322I Datasheet
72Kb / 4P
2 Port Industrial Wall Mountable USB to Serial Adapter Hub with DIN Rail Clips
ICUSB2324 STARTECH-ICUSB2324 Datasheet
209Kb / 3P
4 Port USB to RS232 Serial DB9 Adapter Hub
ICUSB2324I STARTECH-ICUSB2324I Datasheet
69Kb / 4P
4 Port USB to DB9 RS232 Serial Adapter Hub – Industrial DIN Rail and Wall Mountable
More results

Similar Description - ICUSB232DB25

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
U209-000-R TRIPPLITE-U209-000-R Datasheet
524Kb / 3P
USB to Serial Adapter Cable (A-M to DB9-M)
B090A9M TRIPPLITE-B090A9M Datasheet
493Kb / 2P
Modular Serial Adapter (DB9 M to RJ45 F)
U209000R TRIPPLITE-U209000R Datasheet
524Kb / 2P
USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
P404006 TRIPPLITE-P404006 Datasheet
470Kb / 2P
AT Serial Modem Gold Cable (DB25 to DB9 M-F), 6-ft
P456006 TRIPPLITE-P456006 Datasheet
505Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F-M), 6-ft
U209-005-C TRIPPLITE-U209-005-C Datasheet
518Kb / 2P
USB-C to DB9 Serial Adapter Cable (M/M), 5 ft.
P404-006 TRIPPLITE-P404-006 Datasheet
154Kb / 2P
AT Serial Modem Gold Cable (DB25 to DB9 M/F), 6-ft
P456-006 TRIPPLITE-P456-006 Datasheet
165Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F/M), 6-ft.
USA-19HS TRIPPLITE-USA-19HS Datasheet
165Kb / 2P
USB-A to Serial DB9 RS232 Adapter Cable - 3 ft. Keyspan, High-Speed (M/M), TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com