Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232DB25 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ICUSB232DB25
Description  USB to RS232 DB9/DB25 Serial Adapter Cable - M/M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232DB25 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ICUSB232DB25 Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232DB25 Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232DB25 Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232DB25 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
USB powered; No external power adapters needed
Supports serial transfer speeds up to 250Kbps
Includes a DB9 to DB25 pin adapter for 25-pin RS232 serial communication
Supports USB transfer speeds up to 12Mbps
Plug-and-Play and Hot Swap Support
Windows certified (WHQL) drivers
3ft cable length
Supports remote wake-up from Modem input signals and USB power management
Compliant with USB Rev. 2.0 Full-Speed specification
Electronics Industries Association (EIA) standard RS-232-C compliant
USB to Straight-Through RS232 Serial Adapter
uk.startech.com
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com