Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA4808 Datasheet(PDF) 21 Page - Microchip Technology

Part # ATMEGA4808
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4808 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ATMEGA4808 Datasheet HTML 17Page - Microchip Technology ATMEGA4808 Datasheet HTML 18Page - Microchip Technology ATMEGA4808 Datasheet HTML 19Page - Microchip Technology ATMEGA4808 Datasheet HTML 20Page - Microchip Technology ATMEGA4808 Datasheet HTML 21Page - Microchip Technology ATMEGA4808 Datasheet HTML 22Page - Microchip Technology ATMEGA4808 Datasheet HTML 23Page - Microchip Technology ATMEGA4808 Datasheet HTML 24Page - Microchip Technology ATMEGA4808 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Symbol Description
Conditions
Min.
Typ.
Max.
Unit
REFSEL =
INTERNAL
1.1V≤VREF
fADC=115 ksps
-
0.5
-
REFSEL = VDD
1.8V≤VREF
fADC=115 ksps
-
0.9
-
EABS
Absolute
accuracy
REFSEL =
INTERNAL
VREF = 1.1V
T=[0-105]°C
VDD = [1.8V-3.6V]
-
<10
-
LSB
VDD = [1.8V-3.6V]
-
<15
-
REFSEL = VDD
-
2
-
REFSEL =
INTERNAL
-
<35
-
EGAIN
Gain error
REFSEL =
INTERNAL
VREF = 1.1V
T=[0-105]°C
VDD = [1.8V-3.6V]
-
±15
-
LSB
VDD = [1.8V-3.6V]
-
±20
-
REFSEL = VDD
-
2
-
REFSEL =
INTERNAL
-
±35
-
EOFF
Offset error
REFSEL =
INTERNAL
VREF = 0.55V
-
-0.5
-
LSB
REFSEL =
INTERNAL
1.1V ≤ VREF
-
-0.5
-
LSB
Note: 
1.
A DNL error of less than or equal to 1 LSB ensures a monotonic transfer function with no missing
codes.
2.
These values are based on characterization and not covered by production test limits.
3.
Reference setting and fADC must fulfill the specification in "Clock and Timing Characteristics" and
"Power supply, Reference, and Input Range" tables.
5.11.2
External Reference Characteristics
Operating conditions:
•
VDD = 1.8 to 5.5V
•
Temperature = -40°C to 125°C
•
DUTYCYC = 25%
•
CLKADC = 13 * fADC
•
SAMPCAP is 5 pF
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com