Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA4808 Datasheet(PDF) 13 Page - Microchip Technology

Part # ATMEGA4808
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4808 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATMEGA4808 Datasheet HTML 9Page - Microchip Technology ATMEGA4808 Datasheet HTML 10Page - Microchip Technology ATMEGA4808 Datasheet HTML 11Page - Microchip Technology ATMEGA4808 Datasheet HTML 12Page - Microchip Technology ATMEGA4808 Datasheet HTML 13Page - Microchip Technology ATMEGA4808 Datasheet HTML 14Page - Microchip Technology ATMEGA4808 Datasheet HTML 15Page - Microchip Technology ATMEGA4808 Datasheet HTML 16Page - Microchip Technology ATMEGA4808 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Peripheral
Conditions
Typ.(1)
Unit
TCB
16-bit count @ 1 MHz
7.4
µA
RTC
16-bit count @ OSCULP32K
1.2
µA
WDT (including OSCULP32K)
0.7
µA
OSC20M
125
µA
AC
Fast Mode(2)
92
µA
Low Power Mode(2)
45
µA
ADC
50 ksps
325
µA
100 ksps
340
µA
XOSC32K
CL=7.5 pF
0.5
µA
OSCULP32K
0.4
µA
USART
Enable @ 9600 Baud
13
µA
SPI (Master)
Enable @ 100 kHz
2.1
µA
TWI (Master)
Enable @ 100 kHz
23.9
µA
TWI (Slave)
Enable @ 100 kHz
17.1
µA
Flash programming
Erase Operation
1.5
mA
Write Operation
3.0
Note: 
1.
Current consumption of the module only. To calculate the total power consumption of the system,
add this value to the base value in section “Power Consumption”.
2.
CPU in Standby mode.
5.6
BOD and POR Characteristics
Table 5-8. Power Supply Characteristics
Symbol
Description
Condition
Min.
Typ.
Max.
Unit
SRON
Power-on Slope
-
-
100
V/ms
Table 5-9. Power On Reset (POR) Characteristics
Symbol Description
Condition
Min. Typ. Max. Unit
VPOR
POR threshold voltage on VDD
falling
VDD falls/rises at 0.5V/ms or slower 0.8 -
1.6
V
POR threshold voltage on VDD
rising
1.4
-
1.8
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com