Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/08R1 Datasheet(PDF) 25 Page - Pentair Equipment Protection - Hoffman

Part # 2/08R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/08R1 Datasheet(HTML) 25 Page - Pentair Equipment Protection - Hoffman

Back Button 2/08R1 Datasheet HTML 21Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 22Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 23Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 24Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 25Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 26Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 27Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 28Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 29Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
25
2216 AWG Nylon Insulated Spade Terminals with Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Red 6/6 Nylon with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 18 Amps
Barrel ID (d1): .067
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .177
Material Thickness (T): .030
Barrel Length (E): .433
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QT
MOUNTED
d2
W
F
L
FND2216M3A
4
0.126
0.224
0.256
0.866
Y
1000
3V2216
YNM2210D
FND2216YS3A
6
0.146
0.252
0.256
0.866
Y
1000
3V2216
YNM2210D
FND2216S3A
6
0.146
0.283
0.256
0.866
Y
1000
3V2216
YNM2210D
FND2216S4A
8
0.169
0.283
0.256
0.866
Y
1000
3V2216
YNM2210D
FND2216M5A
10
0.209
0.319
0.256
0.866
Y
1000
3V2216
YNM2210D
FND22166A
1/4
0.252
0.472
0.433
1.102
Y
1000
3V2216
YNM2210D
1614 AWG Nylon Insulated Spade Terminals with Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Blue PVC Vinyl with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 30 Amps
Barrel ID (d1): .091
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .205
Material Thickness (T): .031
Barrel Length (E): .433
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QT
MOUNTED
d2
W
F
L
FND1614YS3A
6
0.146
0.236
0.256
0.866
Y
1000
3V1614
YNM2210D
FND1614S3A
6
0.146
0.283
0.256
0.866
Y
1000
3V1614
YNM2210D
FND1614YS4A
8
0.169
0.252
0.256
0.866
Y
1000
3V1614
YNM2210D
FND1614S4A
8
0.169
0.283
0.256
0.866
Y
1000
3V1614
YNM2210D
FND16144A
8
0.169
0.311
0.256
0.866
Y
1000
3V1614
YNM2210D
FND1614M5A
10
0.209
0.311
0.256
0.866
Y
1000
3V1614
YNM2210D
FND16145A
10
0.209
0.366
0.256
0.866
Y
1000
3V1614
YNM2210D
FND16146A
1/4
0.252
0.472
0.433
1.102
Y
1000
3V1614
YNM2210D
SPADE TERMINALS
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com