Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/08R1 Datasheet(PDF) 34 Page - Pentair Equipment Protection - Hoffman

Part # 2/08R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/08R1 Datasheet(HTML) 34 Page - Pentair Equipment Protection - Hoffman

Back Button 2/08R1 Datasheet HTML 30Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 31Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 32Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 33Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 34Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 35Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 36Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 37Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 38Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
34
Vinyl Insulated Locking Spade Terminals
2216 AWG PVC
Vinyl Insulated Locking Spade
Material: Tin Plated Copper with Butted Seam
Insulation Material: Red PVC Vinyl with Funnel Entry
Maximum Electrical Current: 19 Amps
Barrel ID (d1): .067
Maximum Electrical Rating: 75°C, 600V
Max Insulation (D): .134
Material Thickness: .030
Barrel Length (E): .189
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
UL
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
REEL QTY
MOUNTED
d2
W
F
L
FVL22163LSR2
6
0.146
0.252
0.256
0.874
Y
1000
3V2216
YNM2210
FVL22164LSR2
8
0.169
0.314
0.256
0.874
Y
1000
3V2216
or
FVL22165LSR2
10
0.209
0.374
0.256
0.874
Y
1000
3V2216
IZUMI #34
1614 AWG PVC Vinyl Insulated Locking Spade
Material: Tin Plated Copper with Butted Seam
Insulation Material: Blue PVC Vinyl with Funnel Entry
Maximum Electrical Current: 27 Amps
Barrel ID (d1): .091
Maximum Electrical Rating: 75°C, 600V
Max Insulation (D): .161
Material Thickness: .031
Barrel Length (E): .189
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
LENGTH
UL
REEL QTY
MOUNTED
d2
W
F
L
FVL16143LSR2
6
0.146
0.236
0.256
0.886
Y
1000
3V1614
YNM2210
FVL16144LSR2
8
0.169
0.319
0.256
0.886
Y
1000
3V1614
or
FVL16145LSR2
10
0.209
0.319
0.256
0.886
Y
1000
3V1614
IZUMI #34
1210 AWG PVC Vinyl Insulated Locking Spade
Material: Tin Plated Copper with Butted Seam
Insulation Material: Yellow PVC Vinyl with Funnel Entry
Maximum Electrical Current: 48 Amps
Barrel ID (d1): .134
Maximum Electrical Rating: 75°C, 600V
Max Insulation (D): .248
Material Thickness: .031
Barrel Length (E): 236
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
LENGTH
UL
REEL QTY
MOUNTED
d2
W
F
L
FVL12103LSR2
6
0.146
0.327
0.276
1.035
Y
1000
3V1210
YNM2210
FVL12104LSR2
8
0.169
0.327
0.276
1.035
Y
1000
3V1210
or
FVL12105LSR2
10
0.209
0.354
0.276
1.035
Y
1000
3V1210
IZUMI #5
LOCKING SPADES
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com