Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/08R1 Datasheet(PDF) 30 Page - Pentair Equipment Protection - Hoffman

Part # 2/08R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/08R1 Datasheet(HTML) 30 Page - Pentair Equipment Protection - Hoffman

Back Button 2/08R1 Datasheet HTML 26Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 27Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 28Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 29Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 30Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 31Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 32Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 33Page - Pentair Equipment Protection - Hoffman 2/08R1 Datasheet HTML 34Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
30
1614 AWG Vinyl Insulated Flanged Spade with Copper Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Blue PVC Vinyl with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 30 Amps
Barrel ID (d1): .091
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .197
J Type: .185
Material Thickness (T): .031
Barrel Length (E): .413
J Type: .378
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
FLANGE
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
HEIGHT
UL
REEL QTY
MOUNTED
d2
W
F
L
A
FVD1614S3B
6
0.146
0.335
0.283
0.925
0.059
Y
1000
3V1614
YNM2210D
FVD1614S3B/J
6
0.146
0.335
0.283
0.772
0.059
Y
1000
3V1614
YNT1614
FVD1614S4B
8
0.169
0.335
0.283
0.925
0.059
Y
1000
3V1614
YNM2210D
FVD1614S4B/J
8
0.169
0.335
0.283
0.772
0.059
Y
1000
3V1614
YNT1614
FVD1614S5B
10
0.209
0.335
0.283
0.925
0.059
Y
1000
3V1614
YNM2210D
FVD1614S5B/J
10
0.209
0.335
0.283
0.772
0.059
Y
1000
3V1614
YNT1614
1210 AWG Vinyl Insulated Flanged Spade with Copper Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Yellow PVC Vinyl with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 50 Amps
Barrel ID (d1): .134
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .268
J Type: .256
Material Thickness (T): .039
Barrel Length (E): .531
J Type: .551
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
FLANGE
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
HEIGHT
UL
REEL QTY
MOUNTED
d2
W
F
L
A
FVD1210S3B
6
0.146
0.299
0.244
1.024
0.059
Y
1000
3V1210
YNM2210D
FVD1210S3B/J
6
0.146
0.299
0.244
0.992
0.059
Y
1000
3V1210
YNT1210S
FVD1210S4B
8
0.169
0.299
0.244
1.024
0.059
Y
1000
3V1210
YNM2210D
FVD1210S4B/J
8
0.169
0.299
0.244
0.992
0.059
Y
1000
3V1210
YNT1210S
FVD1210S5B
10
0.209
0.335
0.295
1.083
0.059
Y
1000
3V1210
YNM2210D
FVD1210S5B/J
10
0.209
0.299
0.244
0.992
0.059
Y
1000
3V1210
YNT1210S
FLANGED SPADES
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com