Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SB5-B.. Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SB5-B..
Description  Opto–Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SB5-B.. Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SB5-B.. Datasheet HTML 1Page - Omron Electronics LLC EE-SB5-B.. Datasheet HTML 2Page - Omron Electronics LLC EE-SB5-B.. Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical and Optical Characteristics (Ta = 25
°C)
Item
Symbol
Value
Condition
Emitter
Forward voltage
VF
1.2 V typ., 1.5 V max.
IF = 30 mA
Reverse current
IR
0.01
µA typ., 10 µA max.
VR = 4 V
Peak emission wavelength
λP
940 nm typ.
IF = 20 mA
Detector
Light current
IL
200
µA min., 2,000 µA
max.
IF = 20 mA, VCE = 10 V
White paper with a reflection ratio
of 90%, d = 5 mm (see note)
Dark current
ID
2 nA typ., 200 nA max.
VCE = 10 V, 0 x
Leakage current
ILEAK
2
µA max.
IF = 20 mA, VCE = 10 V with no
reflection
Collector–Emitter saturated voltage
VCE (sat)
---
---
Peak spectral sensitivity wavelength
λP
850 nm typ.
VCE = 10 V
Rising time
tr
30
µs typ.
VCC = 5 V, RL = 1 kΩ, IL = 1 mA
Falling time
tf
30
µs typ.
VCC = 5 V, RL = 1 kΩ, IL = 1 mA
Note:
The letter “d” indicates the distance between the top surface of the sensor and the sensing object.
Engineering Data
Forward Current vs. Collector
Dissipation Temperature Rating
Light Current vs. Forward Current
Characteristics (Typical)
Ambient temperature Ta (
°C)
Forward current IF (mA)
Light Current vs. Collector–Emitter
Voltage Characteristics (Typical)
Relative Light Current vs. Ambient
Temperature Characteristics
(Typical)
Dark Current vs. Ambient
Temperature Characteristics
(Typical)
Collector–Emitter voltage VCE (V)
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
Response Time vs. Load
Resistance Characteristics
(Typical)
Load resistance RL (kΩ)
IF = 20 mA
VCE = 5 V
VCE = 10 V
0 x
Vcc = 5 V
Ta = 25
°C
Sensing object:
White paper with
a reflection fac-
tor of 90%
Sensing object:
White paper with
a reflection factor
of 90%
IF = 20 mA
IF = 10 mA
IF = 30 mA
IF = 40 mA
Ta = 25
°C
VCE = 10 V
d = 5 mm
Ta = 25
°C
d = 5 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com