Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SB5-B.. Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-SB5-B..
Description  Opto–Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SB5-B.. Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-SB5-B.. Datasheet HTML 1Page - Omron Electronics LLC EE-SB5-B.. Datasheet HTML 2Page - Omron Electronics LLC EE-SB5-B.. Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Opto–Switch
EE–SB5(–B)
Reflective
Phototransistor output.
Sensing distance 5mm.
Dust-tight construction.
With a visible-light intercepting filter which
allows objects to be sensed without being
greatly influenced by the light radiated from
fluorescent lamps.
Mounted with M3 screws.
Model with soldering terminals (EE-SB5).
Model with PCB terminals (EE-SB5-B).
Dimensions
Internal Circuit
Terminal No.
Name
A
Anode
K
Cathode
C
Collector
E
Emitter
Dimensions
Tolerance
3 mm max.
±0.3
3
t mm v 6
±0.375
6
t mm v 10
±0.45
10
t mm v 18
±0.55
18
t mm v 30
±0.65
Unless otherwise specified, the
tolerances are as shown below.
A
K
C
E
Optical axis
Optical axis
Two, 3.2 dia. holes
Four, 0.5
Four, 0.25
EE-SB5
EE-SB5-B
11.5
±0.2
9
±0.2
7.62
±0.3
2.54
±0.2
2.54
±0.2
Specifications
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Rated value
Emitter
Forward current
IF
50 mA (see note 1)
Pulse forward current
IFP
1 A (see note 2)
Reverse voltage
VR
4 V
Detector
Collector–Emitter voltage
VCEO
30 V
Emitter–Collector voltage
VECO
---
Collector current
IC
20 mA
Collector dissipation
PC
100 mW (see note 1)
Ambient temperature
Operating
Topr
–25
°C to 80°C
Storage
Tstg
–30
°C to 80°C
Soldering
Tsol
260
°C
Note:
1. Refer to the temperature rating chart if the ambient temperature exceeds 25
°C.
2. The pulse width is 10
µs maximum with a frequency of 100 Hz.
Back


Similar Part No. - EE-SB5-B..

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SB5-B OMRON-EE-SB5-B Datasheet
705Kb / 4P
Photomicrosensor (Reflective)
More results

Similar Description - EE-SB5-B..

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SA105 OMRON-SA105 Datasheet
160Kb / 2P
Opto-Switch
logo
List of Unclassifed Man...
EE-SX1235A ETC-EE-SX1235A Datasheet
280Kb / 2P
Opto-Switch
EE-SX1025 ETC-EE-SX1025 Datasheet
261Kb / 2P
Opto - Switch
logo
Omron Electronics LLC
EE-SX493 OMRON-EE-SX493 Datasheet
78Kb / 3P
Opto-Switch
logo
Everlight Electronics C...
ITR20005 EVERLIGHT-ITR20005 Datasheet
209Kb / 7P
OPTO INTERRUPTER ITR Slot Optical switch
08-29-2005
logo
Omron Electronics LLC
EE-X1088 OMRON-EE-X1088 Datasheet
275Kb / 2P
Opto-Switch
EE-X1041 OMRON-EE-X1041 Datasheet
195Kb / 2P
Opto-Switch
logo
Bedford Opto Technology...
HOA0825-01 BOT-HOA0825-01 Datasheet
34Kb / 2P
TRANSMISSIVE OPTO SWITCH
logo
JDS Uniphase Corporatio...
MOM-0011L110 JDSU-MOM-0011L110 Datasheet
204Kb / 4P
Miniature Opto-Mechanical Switch
logo
Honeywell Accelerometer...
HOA1961-055 HONEYWELL-ACC-HOA1961-055 Datasheet
137Kb / 7P
OPTO SCHMITT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com