Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SB5-B.. Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # EE-SB5-B..
Description  Opto–Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SB5-B.. Datasheet(HTML) 3 Page - Omron Electronics LLC

  EE-SB5-B.. Datasheet HTML 1Page - Omron Electronics LLC EE-SB5-B.. Datasheet HTML 2Page - Omron Electronics LLC EE-SB5-B.. Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Sensing Distance Characteristics
(Typical)
Response Time Measurement
Circuit
Distance d2 (mm)
Sensing Angle Characteristics
(Typical)
Angle deviation
θ (°)
Input
Output
Input
Output
90 %
10 %
Distance d (mm)
Sensing Position Characteristics
(Typical)
Ta = 25
°C
IF = 20 mA
VCE = 10 V
Sensing object: White paper
with a reflection factor of 90%
Sensing object:
White paper
with a reflection
factor of 90%
Sensing ob-
ject: White
paper with a
reflection fac-
tor of 90%
Sensing object: White paper
with a reflection factor of 90%
IF = 20 mA
VCE = 10 V
Ta = 25
°C
d1 = 5 mm
IF = 20 mA
VCE = 10 V
Ta = 25
°C
d1 = 5 mm
Ta = 25
°C
IF = 20 mA
VCE = 10 V
d = 5 mm
Distance d2 (mm)
Sensing Position Characteristics
(Typical)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com