Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF504-SC5E-MINI. Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ECF504-SC5E-MINI.
Description  TELECOM/MODULAR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ECF504-SC5E-MINI. Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ECF504-SC5E-MINI. Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.900
22.86
.675
17.15
.75
19.1
1.40
35.6
FLANGE MOUNTED KEYSTONE ADAPTOR
MINI CAT 5E RJ45 KEYSTONE COUPLER
(L-COM P/N: TDG1026KS-C5E-MINI)
2X 4-40UNC-2A
X 1/4" LONG
RECOMMENDED
PANEL OPENING
2X #4-40 UNC-2B THRU
1.142
29.01
1- FLANGE ADAPTOR
1- PACKAGE MOUNTING SCREWS (4-40x 1/4")
CE2011/65/EU(RoHS DIRECTIVE)
REGULATORY COMPLIANCE:
KIT INCLUDES:
1- COUPLER
NOTES:
MATERIAL:
FLANGED ADAPTOR: ZINC ALLOY
HARDWARE: STAINLESS STEEL.
FINISH:
FLANGED ADAPTOR: NICKEL PLATE.
MISCELLANEOUS:
CURRENT RATING: 1.5A
PACKAGING:
KITS SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM PACKAGING SPECIFICATION PS-0031.
KIT SHOWN FULLY ASSEMBLED FOR CLARITY
(KIT IS SHIPPED UN-ASSEMBLED)
ECF504-SC5E-MINI.SLDDRW
INITIAL RELEASE
A
B
C
NORTH ANDOVER, MA
8
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
8
ECF504-SC5E-MINI
A
1
12/06/16
REVISIONS
DESCRIPTION
APPROVED
DATE
D. GUTTADAURO
12/07/16
12/07/16
A
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
D. FRISIELLO
REV
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
12/05/16
43321
TELECOM/MODULAR
PROJECTION
C5E SHD RJ45 PNL MINI CPLR KIT
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
D. DESJARDIN
DIMENSIONS ARE IN INCHES [mm]
1
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
.92
23.3
.07
1.8


Similar Part No. - ECF504-SC5E-MINI.

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ECF504-SC5E-MINI L-COM-ECF504-SC5E-MINI Datasheet
76Kb / 1P
C5E SHD RJ45 PNL MINI CPLR KIT
12/05/16
More results

Similar Description - ECF504-SC5E-MINI.

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
111Kb / 20P
Telecom microcontroller
1998 Apr 20
logo
AIT Components Ltd.
EFD12 AITCOMPONENTS-EFD12 Datasheet
607Kb / 1P
TELECOM TRANSFORMERS
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
Telecom
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
Telecom Infrastructure
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
Telecom Infrastructure
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
Telecom Infrastructure
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
Telecom Infrastructure
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com