Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZ-RX Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # BZ-RX
Description  STANDARD BASIC SWITCH CUT-A-WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BZ-RX Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  BZ-RX Datasheet HTML 1Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 2Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 3Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 4Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 5Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 6Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 7Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 8Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
50
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
Characteristics: O.F. — Operating Force;
R.F. — Release Force; P.T. — Pretravel;
O.T. — Overtravel; D.T. — Differential Travel;
O.P. — Operating Position.
OVERTRAVEL
PLUNGER
ORDER GUIDE
Electrical
Data and
O.F.
R.F. min.
P.T. max.
O.T. min.
D.T.
O.P.*
UL Codes
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2RD72-A2
Applications requiring gold
alloy contacts
1 Amp
P
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
21,21
.835
Dim. Dwg. Fig. 11
BZ-2RD-A2
Added overtravel. For
manual operation and slow
20
° (max) cam rise
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
21,21
.835
BZ-2RD24-A2
Operating in temperature
to
+250°F (121°C)
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
21,21
.835
BM-1RD-A2
Up to 22 ampere load
handling
22 Amps
F
1,95-2,78
7-10
1,11
4
0,38
.015
1,52
.060
0,013-0,025
.0005-
.0010
21,21
.835
BZ-2RDS725551-A2
Applications requiring gold
alloy contacts plus
dustproof and splash
resistant seal
1 Amp
P
3,61-5,28
13-19
1,11
4—
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
BZ-2RDS5551-A2
Dustproof and splash
resistant seal
15 Amps
A
3,61-5,28
13-19
1,11
4—
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
Dim. Dwg. Fig. 12
BA-2RB-A2
Up to 20 ampere load
handling
20 Amps
G
3,89-6,12
14-22
2,78
10
1,27
.050
2,39
.094
0,05-0,19
.0020-
.0075
26,20
1.03
BE-2RB-A4
Up to 25 ampere load
handling
25 Amps
H
3,89-6,12
14-22
2,78
10
1,27
.050
2,39
.094
0,05-0,19
.0020-
.0075
26,20
1.03
Dim. Dwg. Fig. 13
BZ-2RS72-A2
Applications requiring gold
alloy contacts
1 Amp
P
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
28,20
1.110
BZ-2RS-A2
Added overtravel. For
in-line operation and with JR
auxiliary actuators
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
BZ-2RS24-A2
Operating in temperature
to
+250°F (121°C)
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
28,20
1.110
BZ-2RST04
MIL-S-8805 application
requirements
15 Amps
A
2,5-3,61
9-13
1,67
6
0,38
.015
1,52
.060
0,01-0,05
.0004-
.0020
28,20
1.110
(M8805/1-012)
Dim. Dwg. Fig. 14
BZ-RSX
Manual reset
solder terminals
15 Amps
E
1,95-2,64
7-9
—
—
0,30
.012
0,64
.025
—
—
2,79
1.11
BM-1RS-A2
Up to 22 ampere load
handling
22 Amps
F
1,95-2,78
7-10
1,11
4
0,38
.015
1,52
.060
0,013-0,025
.0005-
.0010
28,20
1.110
BZ-2RS7225551-A2
Applications requiring gold
alloy contacts plus
dustproof and splash
resistant seal
1 Amp
P
2,5-4,17
9-15
1,11
4—
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
BZ-2RS5551-A2
Dustproof and splash
resistant seal
15 Amps
A
2,5-4,17
9-15
1,11
4—
1,52
.060
0,01-0,063
.0004-
.0025
28,20
1.110
Dim. Dwg. Fig. 15
*
±0,51 mm
±.020 in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com