Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZ-RX Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # BZ-RX
Description  STANDARD BASIC SWITCH CUT-A-WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BZ-RX Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button BZ-RX Datasheet HTML 5Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 6Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 7Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 8Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 9Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 10Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 11Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 12Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 13Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
54
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
ROLLER LEVER
ORDER GUIDE
Characteristics:
O.F. — Operating Force; R.F. — Release Force; P.T. — Pretravel;
O.T. — Overtravel; D.T. — Differential Travel;
O.P. — Operating Position.
Electrical
O.F.
R.F.
P.T.
O.T.
Data And
max.
min.
max.
min.
D.T.
O.P.*
Catalog
Recommended
UL Code
newtons
newtons
mm
mm
mm
mm
Listing
For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2RW82725551-A2
Applications requiring
gold alloy contacts,
plus dustproof, and
splash resistant seal
1 Amp
0,97
0,21
3,96
0,10-1,0
30,17
±0,76
P
3.5
0.75
—
.156
.004-.040
1.188
±.030
BZ-2RW82-A2
1.90 inch (48,3 mm)
(steel roller) lever
applications
15 Amps
0,97
0,21
3,96
0,10-1,0
30,17
±0,76
A
3.5
0.75
—
.156
.004-.040
1.188
±.030
BZ-2RW825551-A2
Dustproof and splash
resistant seal
15 Amps
0,97
0,21
3,96
0,10-1,0
30,17
±0,76
A
3.5
0.75
—
.156
.004-.040
1.188
±.030
BZ-2RW8224-A2
Operating in
temperature to
+250°F (121°C)
15 Amps
0,97
0,21
3,96
0,10-1,0
30,17
±0,76
A
3.5
0.75
—
.156
.004-.040
1.188
±.030
BA-2RV2-A2
Up to 20 ampere load
handling
20 Amps
0,97
0,14
11,89
1,52
2,16
30,17
±0,76
G
3.5
0.5
.468
.060
.085
1.188
±.030
BM-1RW82-A2
Up to 22 ampere load
handling
22 Amps
0,97
0,21
3,96
0,08-0,56
30,17
±0,76
F
3.5
0.75
—
.156
.003-.022
1.188
±.030
BE-2RV2-A4
Up to 25 ampere load
handling
25 Amps
0,97
0,14
11,89
1,52
2,16
30,17
±0,76
H
3.5
0.5
.468
.060
.085 max.
1.188
±.030
BZ/BM TYPE
Dim. Dwg. Fig. 29
BA/BE TYPE
Dim. Dwg. Fig. 30
NOTE: For adjustable operate point and simulated roller lever switches, refer to previous page.
BZ-RW922-A2
Best repeatability and
O.P. stability
10 Amps
3,34
1,11
0,38
2,54
0,013-0,025
31,37
I
12
4
.015
.100
.0005-.0010
1.235
Dim. Dwg. Fig. 31
BZ-2RW826-A2
One-way roller (9,4
mm
3,8 mm) .37
dia.
.15 wide roller
15 Amps
1,67
0,42
2,39
0,08-0,51
41,34
A
6
1.5
—
.094
.003-.020
1.625
BZ-2RW825-A2
One-way roller (4,83
mm
4,83 mm) .19
dia.
.19 wide roller
15 Amps
2,22
0,42
1,52
0,38
28,96
A
8
1.5
—
.060
.015
1.14
Dim. Dwg. Fig. 32
Except where stated *
±0,38 mm
±.015 in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com