Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZ-RX Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # BZ-RX
Description  STANDARD BASIC SWITCH CUT-A-WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BZ-RX Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button BZ-RX Datasheet HTML 3Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 4Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 5Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 6Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 7Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 8Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 9Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 10Page - Honeywell Solid State Electronics Center BZ-RX Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
52
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
Characteristics: O.F. — Operating Force; R.F. — Release Force;
P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential Travel;
O.P. — Operating Position.
STRAIGHT LEVER
ORDER GUIDE
Electrical
Data and
O.F. max. R.F. min. P.T. max.
O.T. min.
D.T.
O.P.**
Recommended
UL Codes
newtons
newtons
mm
mm
mm
mm
Catalog Listing
For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2RW8072-A2
Applications
requiring gold alloy
contacts
1 Amp
P
0,7
2.5
0,14
0.5
—
5,56
.219
0,18-1,27
.007-.050
19,1
.750
BZ-2RW80722555105-A2
Best stability under
varying humidity.
Gold alloy contacts
with seal
1 Amp
P
0,7
2.5
0,14
0.5
—
5,56
.219
0,18-1,27
.007-.050
19,1
.750
BZ-2RW8244-A2
Operating in temp.
to
+400°F (204°C)
for 100 hours
5 Amps
B
0,7
2.5
0,14
0.5
—
5,56
.219
0,18-1,27
.007-.050
19,1
.750
BZ-RW8435-A2
Lowest operating
force (without
external return
spring)
10 Amps
I
0,07
.25
—
6,76
.266
5,56
.219
0,08-0,38
.003-.015
19,1
.750
BZ-2RW876T
1.25 inch lever
requirements
15 Amps
A
1,67
6
0,42
1.5
—
0,42
.141
0,10-0,63
.004-.025
19,1
.750
BZ-2RW80-A2
2.5 inch lever
requirements
15 Amps
A
0,7
2.5
0,14
0.5
—
5,56
.219
0,18-1,27
.007-.050
19,1
.750
BZ-2RW84-A2
Lower force (without
external return
spring)
15 Amps
A
0,28
1
0,03
0.125
8,33
.328
5,56
.219
0,18-1,27
.007-.050
19,1
.750
BZ-2RW805551-A2
Dustproof and
splash resistant seal
15 Amps
A
0,7
2.5
0,14
0.5
—
5,56
.219
0,18
−1,27
.007-.050
19,1
.750
BZ-2RWT04
MIL-S-8805
application
requirements
15 Amps
A
0,28-0,90
1-3.25
0,21
0.75
7,52
.296
4,37
.172
2,36
.093
19,1
.750
(M8805/1-044)
BZ-2RW824-A2
Operating in
temperature to
+250°F (121°C)
15 Amps
A
0,7
2.5
0,14
0.5
—
5,56
.219
0,18-1,27
.007-.050
19,1
.750
BZ-RW80X
Manual reset solder
terminals
15 Amps
E
0,63
2.25
—
—
—
—
5,56
.219
—
—
19,05
.750
0,38*
–
7,14*
.015
–
.281
BZ-2RW863-A2
6 inch lever
requirements
15 Amps
A
0,28
1—
—
12,7
.500
0,46-3,68
.018-.145
19,1
±1,52
.750
±.060
BA-2RV-A2
Up to 20 ampere
load handling
20 Amps
G
0,7
2.5
0,14
0.5
15,88
.625
1,98
.078
2,77
.109
19,1
.750
BM-1RW84-A2
Up to 22 ampere
load handling
22 Amps
F
0,28
1
0,03
0.125
7,54
.297
5,56
.219
0,13-0,84
.005-.033
19,1
.750
BE-2RV-A4
Up to 25 ampere
load handling
25 Amps
H
0,7
2.5
0,14
0.5
15,88
.625
1,98
.078
2,77
.109 max.
19,1
.750
* Reset characteristics.
BZ-2RW899-A2
Adjustable
operating point (17
mm to 22 mm) .670
to .880
15 Amps
A
0.7
2.5
0.14
0.5
—
3,54 †
.125
0,18-1,27
.007-.050
17,02-22,35
.670-.880
BZ-2RM-A2
Reverse acting
actuator (switch
plunger depressed
in free position)
15 Amps
A
1,67
6
0,28
1
5,56
.219
5,56
.219
0,10-0,89
.004-.035
19,1
.750
17 mm
† From
O.P.
.670 in.
Except where stated **
±0.76 mm
±.030 in.
BZ/BM TYPE
Dim. Dwg. Fig. 21
BA TYPE
Dim. Dwg. Fg. 23
ADJUSTABLE
Dim. Dwg. Fg. 22
Dim. Dwg. Fig. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com