Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 16Page - Qorvo, Inc ACT8846 Datasheet HTML 17Page - Qorvo, Inc ACT8846 Datasheet HTML 18Page - Qorvo, Inc ACT8846 Datasheet HTML 19Page - Qorvo, Inc ACT8846 Datasheet HTML 20Page - Qorvo, Inc ACT8846 Datasheet HTML 21Page - Qorvo, Inc ACT8846 Datasheet HTML 22Page - Qorvo, Inc ACT8846 Datasheet HTML 23Page - Qorvo, Inc ACT8846 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
20 of 63
www.qorvo.com
STEP-DOWN DC/DC ELECTRICAL CHARACTERISTICS
(VVP1 = VVP2 = VVP3 = VVP4 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.7
5.5
V
UVLO Threshold
Input Voltage Rising
2.5
2.6
2.7
V
UVLO Hysteresis
Input Voltage Falling
100
mV
Standby Supply Current
VOUT = 103%, Regulator Enabled
72
100
µA
Shutdown Current
VVP = 5.5V, Regulator Disabled
0
2
µA
Output Voltage Accuracy
VOUT ≥ 1.0V, IOUT = 10mA
-1%
VNOM
1%
V
VOUT < 1.0V, IOUT = 10mA
-10
10
mV
Line Regulation
VVP = Max (VNOM +1V, 3.2V) to 5.5V
0.15
%/V
Load Regulation REG1/4
IOUT = 10mA to IMAX
1.70
%/A
Load Regulation REG2/3
IOUT = 10mA to IMAX
1.00
%/A
Power Good Threshold
VOUT Rising
93
%VNOM
Power Good Hysteresis
VOUT Falling
2
%VNOM
Switching Frequency
VOUT ≥ 20% of VNOM
2
2.25
2.5
MHz
VOUT = 0V
550
kHz
Soft-Start Period
400
µs
Minimum On-Time
75
ns
REG1 AND REG4
Maximum Output Current
1.5
A
Current Limit
1.8
2.2
2.7
A
PMOS On-Resistance
ISW = -100mA
0.11
Ω
NMOS On-Resistance
ISW = 100mA
0.08
Ω
SW Leakage Current
VVP = 5.5V, VSW = 0 or 5.5V
0
2
µA
Input Capacitor
4.7
µF
Output Capacitor
33
µF
Power Inductor
1.0
2.2
3.3
µH
REG2 AND REG3
Maximum Output Current
2.8
A
Current Limit
3.5
4.2
A
PMOS On-Resistance
ISW = -100mA
0.07
Ω
NMOS On-Resistance
ISW = 100mA
0.08
Ω
SW Leakage Current
VVP = 5.5V, VSW = 0 or 5.5V
0
2
µA
Input Capacitor
10
µF
Output Capacitor
44
µF
Power Inductor
0.5
1
22
µH
: VNOM refers to the nominal output voltage level for VOUT as defined by the Ordering Information section.
: IMAX Maximum Output Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com