Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 3 Page - Qorvo, Inc

  ACT8846 Datasheet HTML 1Page - Qorvo, Inc ACT8846 Datasheet HTML 2Page - Qorvo, Inc ACT8846 Datasheet HTML 3Page - Qorvo, Inc ACT8846 Datasheet HTML 4Page - Qorvo, Inc ACT8846 Datasheet HTML 5Page - Qorvo, Inc ACT8846 Datasheet HTML 6Page - Qorvo, Inc ACT8846 Datasheet HTML 7Page - Qorvo, Inc ACT8846 Datasheet HTML 8Page - Qorvo, Inc ACT8846 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
3 of 63
www.qorvo.com
ORDERING INFORMATION
PART NUMBER
VOUT1
VOUT2 VOUT3 VOUT4 VOUT5 VOUT6 VOUT7 VOUT8 VOUT9 VOUT10 VOUT11 VOUT12 VOUT13
ACT8846QM460-T
Adjustable
1.0V
1.0V
3.0V
1.0V
1.2V
1.8V
3.3V
3.3V
3.3V
1.8V
2.8V
1.8V
ACT8846QM468-T
Adjustable
1.0V
1.0V
3.0V
1.0V
1.2V
1.8V
3.3V
3.3V
3.3V
1.8V
2.8V
1.8V
ACT8846QM490-T
Adjustable
3.3V
1.1V
2.0V
3.3V
1.0V
3.3V
3.3V
3.3V
1.0V
1.8V
1.8V
1.8V
ACT8846QM468-T15 Adjustable
1.0V
1.0V
3.0V
1.0V
1.2V
1.8V
3.3V
3.3V
3.3V
1.8V
2.8V
1.8V
ACT8846QM106-T
1.2V
0.95V
3.3V
1.8V
1.8V
1.8V
3.3V
1.2V
2.8V
1.5V
2.8V
1.8V
OFF
ACT8846QM108-T
1.8V
0.8V
1.125V
3.0V
1.8V
1.8V
1.8V
3.3V
3.3V
3.3V
2.5V
3.3V
1.8V
ACT8846QM109-T
1.45V
1.8V
1.1V
2.8V
2.5V
3.0V
2.5V
1.8V
3.3V
0.95V
2.8V
1.8V
1.8V
ACT8846QM111-T
1.8V
2.4V
1.2V
3.0V
3.0V
3.3V
1.8V
3.3V
3.3V
3.3V
2.5V
1.8V
1.8V
ACT8846QM112-T
1.8V
0.9V
1.2V
3.0V
3.3V
1.8V
1.8V
3.3V
3.3V
3.3V
2.5V
3.3V
1.8V
ACT8846QM113-T
1.5V
3.3V
0.85V
1.8V
0.9V
1.2V
3.3V
2.8V
1.5V
3.3V
3.3V
3.3V
1.8V
ACT8846QM114-T
1.35V
1.0V
3.3V
1.8V
3.3V
3.3V
3.3V
1.8V
1.8V
1.8V
2.5V
2.5V
1.8V
PACKAGE
PINS
TEMPERATURE RANGE
TQFN66-48
48
-40°C to +85°C
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means semiconductor
products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: Push button 10s shut down function is supported in ACT8846QM468-T and ACT8846QM490-T and ACT8846QM468-T15.
ACT88 46QM_ _ _-T
Option Code
Pin Count
Package Code
Product Number
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com