Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8846 Datasheet(PDF) 40 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 40 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 36Page - Qorvo, Inc ACT8846 Datasheet HTML 37Page - Qorvo, Inc ACT8846 Datasheet HTML 38Page - Qorvo, Inc ACT8846 Datasheet HTML 39Page - Qorvo, Inc ACT8846 Datasheet HTML 40Page - Qorvo, Inc ACT8846 Datasheet HTML 41Page - Qorvo, Inc ACT8846 Datasheet HTML 42Page - Qorvo, Inc ACT8846 Datasheet HTML 43Page - Qorvo, Inc ACT8846 Datasheet HTML 44Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
40 of 63
www.qorvo.com
PWM LED DRIVERS
The GPIO3, the GPIO4, the GPIO5, and the GPIO6 are
configured as PWM LED drivers, which could support
up to 6mA current with programmable frequency and
duty cycle. Set PWM#EN[ ] bit to “1” to enable PWM
function of GPIO#.
PWM Frequence Selection
Each LED driver may be independently programmed to
a different frequency by writing to the GPIO’s FRE[2:0]
register via the I2C serial interface as shown in Table 6.
Table 6:
FRE#[ ] PWM Frequency Setting
FRE#[2:0]
PWM Frequency [Hz]
000
0.25
001
0.5
010
1
011
2
100
128
101
256
PWM Duty Cycle Selection
Each LED driver may be independently programmed to
a different duty cycle by writing to the GPIO’s DUTY[3:0]
register via the I2C serial interface as shown in Table 7.
Table 7:
DUTY#[ ] PWM Frequency Setting
DUTY#[3:0]
PWM Duty Cycle [%]
0000
6.25
0001
12.5
0010
18.75
0011
25
0100
31.25
0101
37.5
0110
43.75
0111
50
1000
56.25
1001
62.5
1010
68.75
1011
75
1100
81.25
1101
87.5
1110
93.75
1111
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com