Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R86-IL3 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3Z-R86-IL3
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R86-IL3 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3Z-R86-IL3 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 13Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
E3Z
-@-IL@
10
Dimensions
Sensors
* Models numbers for Through-beam Sensors (E3Z-T
@@) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3Z-T81-IL
@-L 2M), the model number of the Receiver, by adding
"-D" (example: E3Z-T81-IL
@-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
Through-beam Models *
Pre-wired Models
E3Z-T81-IL
@
20
20
12
3
2.8
25.4
12.7
4 dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2 (AWG24),
Insulator diameter: 1.1 mm), Standard length: 2 m
Two, M3
Power indicator/
IO-Link communication
indicator (green)
Emitter
Lens
11
2.1
31
31
10.8
10.8
7.2
Pins 2 is not used.
Terminal
No.
Specifi-
cations
1+V
2
---
30V
4
Output C/Q
1
3
2
4 dia. vinyl-insulated round cable
Standard length: 0.3 m
Pre-wired M12 connector
(E3Z-T
@@-M1TJ)
4
M12×1
20
20
3
2.8
25.4
12.7
4 dia. vinyl-insulated round cable with 4 conductors
(Conductor cross section: 0.2 mm2 (AWG24),
Insulator diameter: 1.1 mm), Standard length: 2 m
Two, M3
4.5
11.2
Operation Indicator (orange)
7.5
Sensitivity adjuster
Operation selector
Receiver
Lens
11
2.1
31
31
10.8
10.8
7.2
Stability indicator/
IO-Link communication
indicator (green)
Terminal
No.
Specifi-
cations
1+V
2
Output DO
30V
4
Output C/Q
Through-beam Models *
Connector Models
E3Z-T86-IL
@
M8 connector
10.4
Two, M3
Lens
11
9.75
Emitter
12
20
20
2.1
12.7
31
31
10.8
10.8
7.2
3
2.8
25.4
Power indicator/
IO-Link communication
indicator (green)
Pins 2 is not used.
Terminal
No.
Specifi-
cations
1+V
2
---
30V
4
Output C/Q
M8 connector
9.75
Lens
Operation Indicator (orange)
Sensitivity
adjuster
Operation
selector
Receiver
Two, M3
2.8
25.4
4.5
11.2
7.5
12.7
20
20
10.8
10.8
7.2
10.4
11
2.1
31
31
3
Stability indicator/
IO-Link communication
indicator (green)
Terminal
No.
Specifi-
cations
1+V
2
Output DO
30V
4
Output C/Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com