Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R86-IL3 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3Z-R86-IL3
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R86-IL3 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3Z-R86-IL3 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 13Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
E3Z
-@-IL@
11
Note: The lens for the E3Z-D
@2/D@7 is black.
2.8
25.4
4 dia. vinyl-insulated round cable with 4
conductors (Conductor cross section:
0.2 mm2 (AWG24), Insulator diameter: 1.1 mm),
Standard length: 2 m
Two, M3
Sensitivity adjuster
Operation selector
Operation Indicator (orange)
2.1
31
31
Receiver
Lens 7 dia.
Emitter
Lens 7 dia.
20
20
16.7
10.8
10.8
3
2.8
4.5
11.2
7.5
25.4
8
Power indicator/
IO-Link communication
indicator (green)
Retro-reflective Models
Pre-wired Models
E3Z-R81-IL
@
E3Z-D82-IL
@
E3Z-L81-IL
@
Terminal
No.
Specifi-
cations
1+V
2
Output DO
30V
4
Output C/Q
1
3
2
4 dia. vinyl-insulated round cable
Standard length: 0.3 m
Pre-wired M12 connector
(E3Z-
@8@-M1TJ)
4
M12×1
Retro-reflective Models
Connector Models
E3Z-R86-IL
@
E3Z-D87-IL
@
E3Z-L86-IL
@
Two, M3
9.75
Receiver
Lens 7 dia.
Emitter
Lens 7 dia.
Sensitivity adjuster
M8 connector
Operation selector
Operation Indicator (orange)
20
20
16.7
10.8
10.8
10.4
2.1
31
31
2.8
25.4
4.5
11.2
7.5
3
8
Stability indicator/
IO-Link communication
indicator (green)
Terminal
No.
Specifi-
cations
1+V
2
Output DO
30V
4
Output C/Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com