Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R86-IL3 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3Z-R86-IL3
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R86-IL3 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3Z-R86-IL3 Datasheet HTML 1Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 2Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R86-IL3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
E3Z
-@-IL@
4
Ratings and Specifications
IO-Link Model
* Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Sensing method
Through-beam
Retro-reflective
with MSR function
Diffuse-reflective
Narrow-beam Models
PNP
output
Pre-wired
E3Z-T81-IL
@
E3Z-R81-IL
@
E3Z-D82-IL
@
E3Z-L81-IL
@
Model
Pre-wired
connector (M12)
E3Z-T81-M1TJ-IL
@
E3Z-R81-M1TJ-IL
@
E3Z-D82-M1TJ-IL
@
E3Z-L81-M1TJ-IL
@
Item
Connector (M8)
E3Z-T86-IL
@
E3Z-R86-IL
@
E3Z-D87-IL
@
E3Z-L86-IL
@
Sensing distance
15 m
4 m (100 mm) *
(when using E39-R1S)
3 m (100 mm) *
(when using E39-R1)
1 m
(white paper: 300
×
300 mm)
90 + 30 mm
(white paper: 100
×
100 mm)
Spot diameter (reference value)
---
2.5 dia. and sensing dis-
tance of 90 mm
Standard sensing object
Opaque: 12-mm dia. min. Opaque: 75-mm dia. min.
---
Minimum detectable object
(reference value)
---
0.1 mm (copper wire)
Differential travel
(representative example)
---
---
20% max. of setting distance Refer to
Engineering
data
on page
6
Directional angle
Both emitter and
receiver: 3 to 15
°
2 to 10
°
---
Light source (wavelength)
Infrared LED (870 nm)
Red LED (660 nm)
Infrared LED (860 nm)
Red LED (650 nm)
Power supply voltage
10 to 30 VDC (including 10% ripple (p-p))
Current consumption
50 mA max. (Emitter:
25 mA max., Receiver:
25 mA max.)
30 mA max.
Control output
Load power supply voltage: 30 VDC max., Load current: 100 mA max.
Residual voltage: Load current of less than 10 mA: 1 V max.
Load current of 10 to 100 mA: 2 V max.
PNP open collector output
Light-ON/Dark-ON selectable
Indicators
In the Standard I/O mode (SIO mode): Operation indicator (orange, lit) and stability indicator (green, lit)
In the IO-Link Mode: Operation indicator (orange, lit) and communication indicator (green, blinking at 1 s intervals)
Protection circuits
Reversed power supply
polarity protection, out-
put short-circuit protec-
tion, and reversed output
polarity protection
Reversed power supply polarity protection, output short-circuit protection,
reversed output polarity protection, and mutual interference prevention
Response time
Operate or reset: 1 ms max.
Sensitivity adjustment
Sensitivity adjuster / IO-Link communications
Ambient illumination
(Receiver side)
Incandescent lamp: 3,000 lx max.
Sunlight: 10,000 lx max.
Ambient temperature range
Operating:
−25 to 55°C (with no icing or condensation)
Storage:
−40 to 70°C (with no icing or condensation)
Ambient humidity range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 Hz, 1.5 mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP67
Connection method
Pre-wired cable (standard cable length 2 m), M12 pre-wired connector (standard cable length 0.3 m),
M8 connector
Weight
(packed
state)
Pre-wired cable (2 m)
Approx. 120 g
Approx. 65 g
Pre-wired connector (M12)
Approx. 60 g
Approx. 30 g
Connector (M8)
Approx. 30 g
Approx. 20 g
Material
Case
Polybutylene terephthalate (PBT)
Display
Modified polyarylate
Lens
Modified polyarylate
Methacrylate resin (PMMA) Modified polyarylate
Main IO-Link functions
Operation mode switching between Light ON and Dark ON, setup of the instability detection level for light
receiving and non-light receiving, timer function of the control output and timer time selecting, instability
output (IO-Link mode) ON delay timer time selecting, setup of a teaching level and execution of teaching,
setup of light receiving sensitivity level, monitor output, operating hours read-out, and initial reset
Communication
specifications
IO-Link
specification
Ver 1.1
Baud rate
-IL3: COM3 (230.4 kbps), -IL2: COM2 (38.4 kbps)
Data length
PD size: 2 bytes, OD size: 1 byte (M-sequence type: TYPE_2_2)
Minimum cycle
time
-IL3 (COM3): 1 ms, -IL2 (COM2): 2.3 ms
Accessories
Instruction manual (Neither Reflectors nor Mounting Brackets are provided with any of the above models.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com