Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9503 Datasheet(PDF) 52 Page - Abbatron All Rights Reserved

Part # 9503
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9503 Datasheet(HTML) 52 Page - Abbatron All Rights Reserved

Back Button 9503 Datasheet HTML 48Page - Abbatron All Rights Reserved 9503 Datasheet HTML 49Page - Abbatron All Rights Reserved 9503 Datasheet HTML 50Page - Abbatron All Rights Reserved 9503 Datasheet HTML 51Page - Abbatron All Rights Reserved 9503 Datasheet HTML 52Page - Abbatron All Rights Reserved 9503 Datasheet HTML 53Page - Abbatron All Rights Reserved 9503 Datasheet HTML 54Page - Abbatron All Rights Reserved 9503 Datasheet HTML 55Page - Abbatron All Rights Reserved 9503 Datasheet HTML 56Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
Nylon Round Spacers
• Molded nylon 6/6.
• An excellent Insulator, the nylon spacer’s surface lubricity
allows wires to be routed against spacer without fear of
chafing the insulation.
• Natural (milky white) finish.
• Relatively low operating temperature.
#2
#4
#6
#8
#10
#2
#4
#6
#8
#10
3/16
9160
9180
5/16
4065H
4067H
4069H
1/4
4000
4001
4002
3/8
4068H
4070H
5/16
4065A
4067A
4069A
3/16
9168
9188
3/8
4068A
4070A
1/4
4024
4025
4026
3/16
9161
9181
5/16
4065J
4067J
4069J
1/4
4003
4004
4005
3/8
4068J
4070J
5/16
4065B
4067B
4069B
3/16
9169
9189
3/8
4068B
4070B
1/4
4027
4028
4029
3/16
9162
9182
5/16
4065K
4067K
4069K
1/4
4006
4007
4008
3/8
4068K
4070K
5/16
4065C
4067C
4069C
3/16
9170
9190
3/8
4068C
4070C
1/4
4030
4031
4032
3/16
9163
9183
5/16
4065L
4067L
4069L
1/4
4009
4010
4011
3/8
4068L
4070L
5/16
4065D
4067D
4069D
3/16
9171
9191
3/8
4068D
4070D
1/4
4033
4034
4035
3/16
9164
9184
5/16
4065M
4067M
4069M
1/4
4012
4013
4014
3/8
4068M
4070M
5/16
4065E
4067E
4069E
3/16
9172
9192
3/8
4068E
4070E
1/4
4036
4037
4038
3/16
9165
9185
5/16
4065N
4067N
4069N
1/4
4015
4016
4017
3/8
4068N
4070N
5/16
4065F
4067F
4069F
3/16
9173
9193
3/8
4068F
4070F
1/4
4039
4040
4041
3/16
9166
9186
5/16
4065P
4067P
4069P
1/4
4018
4019
4020
3/8
4068P
4070P
5/16
4065G
4067G
4069G
3/16
9174
9194
3/8
4068G
4070G
1/4
4042
4043
4044
3/16
9167
9187
5/16
4065Q
4067Q
4069Q
1/4
4021
4022
4023
3/8
4068Q
4070Q
1
1
HOLE CLEARANCE SIZE
.875
7/8
.937
15/16
O.D.
LENGTH
.562
O.D.
HOLE CLEARANCE SIZE
LENGTH
0.562
0.5
0.437
0.375
0.312
0.25
0.187
9/16
1/2
7/16
3/8
5/16
1/4
3/16
1/8
0.125
.750
3/4
.812
13/16
9/16
.625
5/8
.687
11/16
50
HH Smith
SCREW NO.
MAJOR DIA.
HOLE SIZE
#2
0.086
0.093
#3
0.099
0.100
#4
0.112
0.120
#5
0.125
0.130
#6
0.138
0.144
#8
0.164
0.169
#10
0.190
0.196
#12
0.216
0.220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com