Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9503 Datasheet(PDF) 16 Page - Abbatron All Rights Reserved

Part # 9503
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9503 Datasheet(HTML) 16 Page - Abbatron All Rights Reserved

Back Button 9503 Datasheet HTML 12Page - Abbatron All Rights Reserved 9503 Datasheet HTML 13Page - Abbatron All Rights Reserved 9503 Datasheet HTML 14Page - Abbatron All Rights Reserved 9503 Datasheet HTML 15Page - Abbatron All Rights Reserved 9503 Datasheet HTML 16Page - Abbatron All Rights Reserved 9503 Datasheet HTML 17Page - Abbatron All Rights Reserved 9503 Datasheet HTML 18Page - Abbatron All Rights Reserved 9503 Datasheet HTML 19Page - Abbatron All Rights Reserved 9503 Datasheet HTML 20Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Miniature Binding Posts
PART NO.
MNTG. HOLE
POST THREAD
3015
1/2
4-40
•
Fluted post head is molded Lexan Polycarbonate with a gold plated brass
insert.
•
Body is brass with gold plating.
•
Washers are molded nylon with a gold plated brass insert.
•
Mounts in panel hole as indicated in table.
•
Connects with .080” phone tip plug, spade lug, miniature banana plug, alligator
clip or wire (to #18).
•
To connect circuit, wrap wire around solder turret or attach to solder lug
between nuts (lug not supplied).
•
Please refer to Table A (page 12) for post rating information.
•
Post is available in standard red (-102) and black (-103). Other colors are
available from factory. Please add color to part number as suffix.
Insulated Binding Posts
14
•
Body is brass with nickel or tin plating as indicated.
•
Body mounts as indicated in table.
•
Connects with .080” phone tip plug, spade lug, standard banana plug, alligator
clip or wire (to #14).
•
To connect circuit, wrap wire around solder turret or attach to solder lug
between nuts (lug not supplied).
•
Please refer to Table A (page 12) for post rating information.
•
All posts shown here are available in standard red (-102) and black (-103).
Other colors are available from factory. Please add color to part number as
suffix.
PART NO.
FIGURE
MNTG. HOLE
POST THREAD
WASHER
PLATING
1482
A
11/16
8-32
None
Nickel
1464
B
5/16 "D"
5/16 - 32
Insulating
Tin
B
A
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com