Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9503 Datasheet(PDF) 12 Page - Abbatron All Rights Reserved

Part # 9503
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9503 Datasheet(HTML) 12 Page - Abbatron All Rights Reserved

Back Button 9503 Datasheet HTML 8Page - Abbatron All Rights Reserved 9503 Datasheet HTML 9Page - Abbatron All Rights Reserved 9503 Datasheet HTML 10Page - Abbatron All Rights Reserved 9503 Datasheet HTML 11Page - Abbatron All Rights Reserved 9503 Datasheet HTML 12Page - Abbatron All Rights Reserved 9503 Datasheet HTML 13Page - Abbatron All Rights Reserved 9503 Datasheet HTML 14Page - Abbatron All Rights Reserved 9503 Datasheet HTML 15Page - Abbatron All Rights Reserved 9503 Datasheet HTML 16Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
10
Dual Instrument Test Adapters
HH Smith
1516
•
Shorting type adapter with dual banana jacks to dual
banana plugs. Internal busbar shorted across line.
•
ABS body contains banana jack holes for side stacking.
Banana plug springs are Beryllium Copper. Standard 3/4”
centers.
1676
•
Dual banana plugs to dual banana jacks. Cable mount
design.
•
Turret terminal connections for permanent solder, wires or
components.
•
ABS body, banana springs are beryllium copper. 3/4”
standard centers.
210
•
Dual banana plugs to dual banana jacks. Cable mounted
design.
•
ABS body features ground polarity indicator. Internal set
screws hold wire secure.
1675
•
Dual banana plugs to dual banana jacks. 7/32” diameter
cable mount design.
•
Set screws secure leads to conductors.
•
Standard 3/4” centers. ABS body, nickel plated beryllium
copper springs.
Ratings
•
Rated at 15 amps AC, for 10oC temperature rise, con-
tinuous duty, except where limited by coaxial connectors.
•
5KV, 60 cycle AC continuous working voltage, except
where limited by coaxial connectors.
•
Capacitance: 1.0 pf between conductors.
•
Resistance: 1 Milliohm or less per conductor.
*
All adapters shown are available in red (-102) or black
(-103).
1676
1516
1675
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com