Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6741 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6741
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6741 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6741 Datasheet HTML 3Page - STMicroelectronics L6741 Datasheet HTML 4Page - STMicroelectronics L6741 Datasheet HTML 5Page - STMicroelectronics L6741 Datasheet HTML 6Page - STMicroelectronics L6741 Datasheet HTML 7Page - STMicroelectronics L6741 Datasheet HTML 8Page - STMicroelectronics L6741 Datasheet HTML 9Page - STMicroelectronics L6741 Datasheet HTML 10Page - STMicroelectronics L6741 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L6741
Device description and operation
7/16
5
Device description and operation
L6741 provides high-current driving control for both High-Side and Low-Side N-Channel
MOSFETS connected as Step-Down DC-DC Converter driven by an external PWM signal.
The integrated high-current drivers allow using different types of power MOSFETs (also
multiple MOS to reduce the equivalent RdsON), maintaining fast switching transition.
The driver for the High-Side MOSFET use BOOT pin for supply and PHASE pin for return.
The driver for the Low-Side MOSFET use the VCC pin for supply and PGND pin for return.
L6741 embodies a anti-shoot-through and adaptive dead-time control to minimize Low-Side
body diode conduction time maintaining good efficiency saving the use of external Schottky
diodes: when the high-side mosfet turns off, the voltage on its source begins to fall; when
the voltage reaches about 2V, the Low-Side MOSFET gate drive voltage is suddenly
applied. When the Low-Side MOSFET turns off, the voltage at LGATE pin is sensed. When
it drops below about 1V, the High-Side MOSFET gate drive voltage is suddenly applied. If
the current flowing in the inductor is negative, the source of highside mosfet will never drop.
To allow the Low-Side MOSFET to turn-on even in this case, a watchdog controller is
enabled: if the source of the High-Side MOSFET doesn't drop, the Low-Side MOSFET is
switched on so allowing the negative current of the inductor to recirculate. This mechanism
allows the system to regulate even if the current is negative.
Before VCC overcome the UVLO threshold, L6741 keeps firmly-OFF both High-Side and
Low-Side MOSFETS then, after the UVLO has crossed, the PWM input keeps the control of
the driver operations. If the PWM input is left floating, the internal resistor divider sets the
HiZ: both MOSFETS are kept in the OFF state until PWM transition.
After UVLO crossing and while in HiZ, the Preliminary-OV protection is activated: if the
voltage senses through the PHASE pin overcome about 2V, the Low-Side MOSFET is
latched ON in order to protect the load from dangerous over-voltage. The Driver status is
reset from a PWM transition.
Driver power supply as well as power conversion input are flexible: every combination of 5V
and 12V can be chosen for High-Side and Low-Side MOSFET voltage drive. Furthermore,
5V, 12V bus or any intermediate bus that allows the conversion can be chosen freely.
Figure 4.
Timing diagram
thold-off
HiZ Window
PWM
HS Gate
LS Gate
HiZ Window
thold-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com