Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6741 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6741
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6741 Datasheet(HTML) 1 Page - STMicroelectronics

  L6741 Datasheet HTML 1Page - STMicroelectronics L6741 Datasheet HTML 2Page - STMicroelectronics L6741 Datasheet HTML 3Page - STMicroelectronics L6741 Datasheet HTML 4Page - STMicroelectronics L6741 Datasheet HTML 5Page - STMicroelectronics L6741 Datasheet HTML 6Page - STMicroelectronics L6741 Datasheet HTML 7Page - STMicroelectronics L6741 Datasheet HTML 8Page - STMicroelectronics L6741 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2007
Rev 1
1/16
1
L6741
High current MOSFET driver
Features
Dual MOSFET driver for synchronous rectified
converters
High driving current for fast external MOSFET
switching
High frequency operation
Integrated bootstrap diode
Adaptive dead-time management
Flexible gate-drive: 5V to 12V compatible
High-impedance (HiZ) management for output
stage shutdown
Preliminary OV protection
SO-8 package
Applications
High current VRM / VRD for Desktop / Server /
Workstation CPUs
High current DC / DC converters
Description
L6741 is a flexible, high-frequency dual-driver
specifically designed to drive N-channel
MOSFETs connected in Synchronous-Rectified
Buck topology. Combined with ST PWM
controllers, the driver allows implementing
complete voltage regulator solutions for modern
high-current CPUs. L6741 embeds high-current
drivers for both high-side and low-side
MOSFETS. The device accepts flexible power
supply (5V to 12V) to optimize the gate-drive
voltage for High-Side and Low-Side maximizing
the System Efficiency.
The Bootstrap diode is embedded saving the use
of external diodes. Anti shoot-through
management avoids high-side and low-side
mosfet to conduct simultaneously and, combined
with Adaptive Dead-Time control, minimizes the
LS body diode conduction time.
L6741 embeds Preliminary OV Protection: after
Vcc overcomes the UVLO and while the device is
in HiZ, the Low-Side MOSFET is turned ON to
protect the load in case the output voltage
overcomes a warning threshold protecting the
load from High-Side MOSFET failures.
The driver is available is SOP8 package.
SO-8
Table 1.
Device summary
Order code
Package
Packaging
L6741
SO-8
Tube
L6741TR
SO-8
Tape & Reel
www.st.com


Similar Part No. - L6741

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6740L STMICROELECTRONICS-L6740L Datasheet
762Kb / 44P
Hybrid controller (41) for AMD SVID and PVID processors
01-Aug-2007
L6740LTR STMICROELECTRONICS-L6740LTR Datasheet
762Kb / 44P
Hybrid controller (41) for AMD SVID and PVID processors
01-Aug-2007
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
L6743 STMICROELECTRONICS-L6743 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
More results

Similar Description - L6741

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV400MJ INTERSIL-HV400MJ Datasheet
131Kb / 11P
High Current MOSFET Driver
August 1997
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
High current MOSFET driver
20-Aug-2007
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
High current MOSFET driver
17-Jun-2008
L6743 STMICROELECTRONICS-L6743_08 Datasheet
354Kb / 17P
High current MOSFET driver
05-Jun-2008
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
High Current MOSFET Driver
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
High Current MOSFET Driver
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
High current MOSFET driver
09-Dec-2008
L6747ATR STMICROELECTRONICS-L6747ATR Datasheet
415Kb / 15P
High current MOSFET driver
24-Mar-2010
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
High current MOSFET driver
23-Apr-2010
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com