Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6741 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6741
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6741 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6741 Datasheet HTML 4Page - STMicroelectronics L6741 Datasheet HTML 5Page - STMicroelectronics L6741 Datasheet HTML 6Page - STMicroelectronics L6741 Datasheet HTML 7Page - STMicroelectronics L6741 Datasheet HTML 8Page - STMicroelectronics L6741 Datasheet HTML 9Page - STMicroelectronics L6741 Datasheet HTML 10Page - STMicroelectronics L6741 Datasheet HTML 11Page - STMicroelectronics L6741 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Device description and operation
L6741
8/16
5.1
High-impedance (HiZ) management
The Driver is able to manage High-Impedance state by keeping all MOSFETs in off state. If
the PWM signal remains in the HiZ window for a time longer than the hold-off time, the
device detects the HiZ condition so turning off all the MOSFETs. The HiZ window is defined
as the PWM voltage range comprised between VPWM_IL and VPWM_IH.
The device may exit from the HiZ state only after a PWM transition to logic zero (VPWM <
VPWM_IL).
See Figure 4 for details about HiZ timings.
The implementation of the High-Impedance state allows the controller that will be connected
to the driver to manage High-Impedance state of its output, avoiding to produce negative
undershoot on the regulated voltage during the shut-down stage. Furthermore, different
power management states may be managed such as pre-bias start-up.
5.2
Preliminary OV protection
After VCC has overcome its UVLO threshold and while the PWM signal is in the HiZ window,
L6741 activate the Preliminary-OV protection.
The intent of this protection is to protect the load especially from High-Side MOSFET fail-
ures during the system start-up. In fact, VRM, and most in general PWM controllers, have a
12V bus compatible turn-on threshold and results to be non-operative if VCC is below that
turn-on thresholds (that results being in the range of about 10V). In case of an High-Side
mosfet failure, the controller won’t recognize the over voltage until VCC = ~10V (unless
other special features are implemented): but in that case the output voltage is already at the
same voltage (~10V) and the load (CPU in most cases) already burnt.
L6741 by-pass the PWM controller by latching on the Low-Side MOSFET in case the
PHASE pin voltage overcome 2V during the HiZ state. When the PWM input exits form the
HiZ window, the protection is reset and the control of the output voltage is transferred to the
controller connected to the PWM input.
Since the Driver has its own UVLO threshold, a simple way to provide protection to the out-
put in all conditions when the device is OFF consists in supplying the controller through the
5VSB bus: 5VSB is always present before any other voltage and, in case of High-Side short,
the Low-Side mosfet is driven with 5V assuring a reliable protection of the load.
Preliminary OV is active after UVLO and while the Driver is in HiZ state and it is disabled
after the first PWM transition. The controller will have to manage its output voltage from that
time on.
5.3
Internal BOOT diode
L6741 embeds a boot diode to supply the High-Side driver saving the use of an external
component. Simply connecting an external capacitor between BOOT and PHASE complete
the High-Side supply connections.
To prevent bootstrap capacitor to extra-charge as a consequence of large negative spikes,
an external series resistance RBOOT (in the range of few ohms) may be required in series to
BOOT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com