Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC331CD7LP683KX19 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # GC331CD7LP683KX19
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GC331CD7LP683KX19 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  GC331CD7LP683KX19 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
GC331CD7LP683KX19_(3216M(1206), X7T(EIA), 68000pF, DC 450V)
_:Package
Reference Sheet
■ Rated Value
*Rated Voltage Derating:When the product temperature exceeds 105°C, please use this product within the voltage and temperature derated conditions in the figure below.
⑧Individual Specification : This denotes Murata control code.
■ Package
K
φ330mm Reel Plastic Tape W8P4
8000 pcs./Reel
Fig:Dyrating
⑨Package
Packaging
Standard Packing Quantity
L
φ180mm Reel Plastic Tape W8P4
2000 pcs./Reel
Mounting
Method
Temp. coeff. or Cap. Change
Temp. Range
Ref.Temp.
-33 to 22 %
-55 to 125℃
25℃
DC 450V *
68000pF
+/-10%
-55 to 125℃
Flow, Reflow
④Temperature Characteristics [D7]
(Public STD Code:[X7T(EIA)])
⑤Rated
Voltage
⑥
Capacitance
⑦
Capacitance
Tolerance
Operating Temp. Range
GC331CD7LP683KX19-00B
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com