Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC331CD7LP683KX19 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # GC331CD7LP683KX19
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GC331CD7LP683KX19 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  GC331CD7LP683KX19 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
GC331CD7LP683KX19_(3216M(1206), X7T(EIA), 68000pF, DC 450V)
_:Package
Reference Sheet
Product specifications in this catalog are as of Jan.27,2025, and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering. Please read rating and !Cautions first.
<Reference>Please kindly use our website.
Please refer to the product information page for more information on ceramic capacitors.
→ Ceramic capacitor product information
Various data can be obtained directly from the product search.
→ Product search (SMD)​
■ MURATA Part No. System
①Series
②Dimension
③Dimension
④Temperature
⑤Rated
⑥Capacitance
⑦Capacitance
⑧Individual
⑨Package
(L×W)
(T)
Characteristics
Voltage
Tolerance
Specification
■ Type & Dimension
Size Code:
3216M(1206)
(in mm)
g
3.2+/-0.2
1.6+/-0.2
1.6+/-0.2
0.3 min.
1.2 min.
image:Dimension
② L
② W
③ T
e
LP
683
K
X19
L
(Ex.)
GC3
31
C
D7
GC331CD7LP683KX19-00B
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com