Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC331CD7LP683KX19 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd

Part # GC331CD7LP683KX19
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GC331CD7LP683KX19 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd

Back Button GC331CD7LP683KX19 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
■ Package(Tape Carrier Packaging)
1. Minimum Quantity(pcs./reel)
C
2. Dimensions of Tape (in mm)
(1)GC331(W8P4 CODE:K/L)
C
2.0+/-0.05
4.0+/-0.1
φ1.5+0.1/-0
2.5 max.
0.25+/-0.1
3.6(Typ.)
8.0+/-0.3
3.5+/-0.05
1.75+/-0.1
4.0+/-0.1
GC331
3.2+/-0.2
1.6+/-0.2
1.6+/-0.2
2.0(Typ.)
H
J
K
L
L
W
T
C
D
E
F
G
GC331
2000
8000
Type
Dimensions(Chip)
A
B
Type
φ180mm Reel(W8P4)
φ330mm Reel(W8P4)
Plastic Tape
Plastic Tape
CODE:L
CODE:K
GC331CD7LP683KX19-00B
 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com