Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3604 Datasheet(PDF) 2 Page - ams AG

Part # AS3604
Description  Momentary Power Loss Detection, synchronous DCDC and increased driving capability of the LDOs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3604 Datasheet(HTML) 2 Page - ams AG

  AS3604 Datasheet HTML 1Page - ams AG AS3604 Datasheet HTML 2Page - ams AG AS3604 Datasheet HTML 3Page - ams AG AS3604 Datasheet HTML 4Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS3604
austriami crosyst ems
Preliminary Product Brief and AS3603/04 Delta Sheet, Confidential
www.austriamicrosystems.com (ptr)
Revision 1.0 / 20060505
2 - 4
1
Block Diagram
Figure
1 – AS3604 block diagram differences to the AS3603 marked with blue
GPIO4 removed
AS3604
Power Management
Unit
VBAT
Vibrator
Buzzer
Current Source
4x(0.6-160mA)
Step Up DC/DC
Converter
<=15V
45mA
C2
330nF
L1 22 H
D1
MBR0520
C1
1 F
VBAT
CURR4 CURR3 CURR2 CURR1
STEPUP
CAPP
CAPN
Charge Pump
4.74V-5.25V
20mA
V5_6
V2_5
Analog LDO
Low Noise
2.5-3.2V
150mA
Analog LDO
Low Noise
1.85-3.4V
150mA
RF LDO
Low Noise
1.85-3.4V
150mA
RF LDO
Low Noise
1.85-3.4V
150mA
RF LDO
Low Noise
1.85-3.4V
200mA (<=2.6V)
RF LDO
Low Noise
1.85-3.4V
200mA (<=2.6V)
C3
1 F
VANA_1
C4
1 F
VBAT_1
C5
1 F
VANA_2
C6
1 F
VRF_1
C8
1 F
VBAT_4
C9
1 F
3.0-5.5V
3.0-5.5V
VRF_2
C10
1 F
VRF_3
C11
1 F
VBAT_5
C12
1 F
3.0-5.5V
VRF_4
C13
1uF
V2_5
C7
F
V2_5
on switch
GPIO1
GPIO2
GPIO3
Interrupt, LCD
Control etc
Internal LDO
2.5V
10mA
GPIO
VANA_1
V5_6
Digital LDO
0.75-2.5V
200mA
Digital LDO
0.75-2.5V
200mA
VDIG_1
C14
1 F
VDIG_2
C15
1 F
VDD_DIG
C30
1 F
1.0-5.5V
Feedback
Synchronous Step Down DC/DC
Converter 2.2MHz
0.6-3.4V, 500mA
SIM LDO
3.0V, 20mA
VBAT_2
3.0-5.5V
L2
H
C18
10 F
C17
1 F
C16
1 F
LX
C19
1 F
VSIM
POR
Pad
Rprogram
CREF
RBIAS
R7
RPROGRAM
C29
100nF
R6
220k
R5 100k
VANA_1
RESET
C28
1 F
R2
4.7k
R3
4.7k
R4
50m
VBAT
All caps
on VBAT
>= 10 F
total
C27
Q1
Si3441
R1
2k
DC
Charger
Adapter
<=15V
C26
1 F
ISENSEN
ISENSEP
VCHARGER
VGATE
LiIon
LiMH
NiMH
Battery
Charger
Fuel
Gauge
Adjustable
Charger Restart
VBAT_3
1W Audio
Amplifier
C25
100nF
AOUT_L
AIN_L
AGND
AIN_R
AOUT_R
C23
100nF
C24
100nF
IN_L
IN_R
>=4
LS3
>=4
LS2
C20
>=100 F
C21
>=100 F
3.6V Li-Ion
3.6V NiMH
4.8V NiMH
RESET
Momentary
Power Loss
Detection
(200ms)
1µF if power loss
detection is not used
6V
Overvoltage
Interrupt
and Switchoff
Shutdown with
Chrgarger possible
Added Charger
removed Interrupt
EOC does not
stop charger
(configurable)
VBAT_6
3.0-5.5V
250mA @ 1.4V
possible
Digital Logic and
References
I/F
Boot
ROM
VANA_1
SDI
SCLK
SDO
SCSB
Serial
Interface
V2_5 or
VBAT
ON
GND_SENSE
Charger
resume @ 4.1V
250mA @ 1.4V
possible
200mA <=2.6V
possible
200mA <=2.6V
possible



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com