Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3604 Datasheet(PDF) 3 Page - ams AG

Part # AS3604
Description  Momentary Power Loss Detection, synchronous DCDC and increased driving capability of the LDOs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3604 Datasheet(HTML) 3 Page - ams AG

  AS3604 Datasheet HTML 1Page - ams AG AS3604 Datasheet HTML 2Page - ams AG AS3604 Datasheet HTML 3Page - ams AG AS3604 Datasheet HTML 4Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AS3604
austriami crosyst ems
Preliminary Product Brief and AS3603/04 Delta Sheet, Confidential
www.austriamicrosystems.com (ptr)
Revision 1.0 / 20060505
3 - 4
Figure
2 – AS3604 block diagram
AS3604
Power Management
Unit
VBAT
Vibrator
Buzzer
Current Source
4x(0.6-160mA)
Step Up DC/DC
Converter
<=15V
45mA
C2
330nF
L1 22 H
D1
MBR0520
C1
1 F
VBAT
CURR4 CURR3 CURR2 CURR1
STEPUP
CAPP
CAPN
Charge Pump
4.74V-5.25V
20mA
V5_6
V2_5
Analog LDO
Low Noise
2.5-3.2V
150mA
Analog LDO
Low Noise
1.85-3.4V
150mA
RF LDO
Low Noise
1.85-3.4V
150mA
RF LDO
Low Noise
1.85-3.4V
150mA
RF LDO
Low Noise
1.85-3.4V
200mA (<=2.6V)
RF LDO
Low Noise
1.85-3.4V
200mA (<=2.6V)
C3
1 F
VANA_1
C4
1 F
VBAT_1
C5
1 F
VANA_2
C6
1 F
VRF_1
C8
1 F
VBAT_4
C9
1 F
3.0-5.5V
3.0-5.5V
VRF_2
C10
1 F
VRF_3
C11
1 F
VBAT_5
C12
1 F
3.0-5.5V
VRF_4
C13
1uF
V2_5
C7
F
V2_5
on switch
GPIO1
GPIO2
GPIO3
Interrupt, LCD
Control etc
Internal LDO
2.5V
10mA
GPIO
VANA_1
V5_6
Digital LDO
0.75-2.5V
200mA
Digital LDO
0.75-2.5V
200mA
VDIG_1
C14
1 F
VDIG_2
C15
1 F
VDD_DIG
C30
1 F
1.0-5.5V
Feedback
Synchronous Step Down DC/DC
Converter 2.2MHz
0.6-3.4V, 500mA
SIM LDO
3.0V, 20mA
VBAT_2
3.0-5.5V
L2
H
C18
10 F
C17
1 F
C16
1 F
LX
C19
1 F
VSIM
POR
Pad
Rprogram
CREF
RBIAS
R7
RPROGRAM
C29
100nF
R6
220k
R5 100k
VANA_1
RESET
C28
1 F
R2
4.7k
R3
4.7k
R4
50m
VBAT
All caps
on VBAT
>= 10 F
total
C27
Q1
Si3441
R1
2k
DC
Charger
Adapter
<=15V
C26
1 F
ISENSEN
ISENSEP
VCHARGER
VGATE
LiIon
LiMH
NiMH
Battery
Charger
Fuel
Gauge
Adjustable
Charger Restart
VBAT_3
1W Audio
Amplifier
C25
100nF
AOUT_L
AIN_L
AGND
AIN_R
AOUT_R
C23
100nF
C24
100nF
IN_L
IN_R
>=4
LS3
>=4
LS2
C20
>=100 F
C21
>=100 F
3.6V Li-Ion
3.6V NiMH
4.8V NiMH
RESET
Momentary
Power Loss
Detection
(200ms)
1µF if power loss
detection is not used
6V
Overvoltage
VBAT_6
3.0-5.5V
Digital Logic and
References
I/F
Boot
ROM
VANA_1
SDI
SCLK
SDO
SCSB
Serial
Interface
V2_5 or
VBAT
ON
GND_SENSE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com