Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3604 Datasheet(PDF) 1 Page - ams AG

Part # AS3604
Description  Momentary Power Loss Detection, synchronous DCDC and increased driving capability of the LDOs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3604 Datasheet(HTML) 1 Page - ams AG

  AS3604 Datasheet HTML 1Page - ams AG AS3604 Datasheet HTML 2Page - ams AG AS3604 Datasheet HTML 3Page - ams AG AS3604 Datasheet HTML 4Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AS3604
austriami crosyst ems
Preliminary Product Brief and AS3603/04 Delta Sheet, Confidential
www.austriamicrosystems.com (ptr)
Revision 1.0 / 20060505
1 - 4
General Description
The AS3604 is based on the architecture of the
AS3603. It has additional functions like momentary
power loss detection, a synchronous DCDC buck
converter, charger resume operation and increased
driving capability of the LDOs.
Key Features
The AS3604 features all the functions of the
AS3603 with the following additions (marked with
boldface italcs
):
Momentary Power Loss Detection
Detect a short interruption (<200ms) of
the battery supply (e.g. due to a dropped
phone)
Ten Programmable High Performance LDOs
Two Digital Low-Power LDOs (0.75 to 2.5V,
200mA; 250mA up to 1.4V)
Three RF Low-Noise LDOs (1.85 to 3.4V,
200mA
)
Two RF Low-Noise LDOs (1.85 to 3.4V,
150mA
)
One SIM Low-Power LDO (3.0V, 20mA)
One Periphery Low-Noise LDO (2.5 to
3.2V, 200mA)
One Low-Power LDO (2.5V, 10mA)
Programmable High Efficiency DC/DC
Converters
Step-down: 0.8V-3.4V, up to 500mA with
2.2MHz operating frequency and small
external coil (2.2uH))
Step Up: 15V, 45mA, (for White LEDs)
Stereo Audio Power Amplifier
0.5W @ 4
-Stereo
1W @ 8
-Bridged
Digital Volume Control, 3dB Steps
Click- and Pop-Less Start-Up and Power-
Down
Complete Chemistry-Independent Battery
Charger
Integrated Fuel Gauge
Automatic Trickle Charging
Programmable Constant Current Charging
Programmable Constant Voltage Charging
Programmable Pulse Charging
Safety Functions (Low Battery Shutdown)
Operation without Battery
No-Battery Detection
Can regulate the current through the
battery or from the charger
Charger Input Overvoltage protection
(6V)
Shutdown even with connected charger
Charger Resume operation
Charger Interrupts (Inserted, Removed,
Overvoltage, Resume
)
Four 8-Bit Programmable Current Sources
(0.625mA to 160mA) support:
Buzzer
Vibrator
LEDs
Wide Battery Supply Range 3.0 to 5.5V
Four General Purpose Switches (1
and 2 )
Three
Programmable General Purpose I/O Pins
On-Chip Bandgap Tuning for High Accuracy
(±1%)
Integrated Programmable Watchdog (7.5 to
1900ms)
Programmable Reset (10 to 110ms)
Shutdown Current typ 7µA (2.5V Always On)
Overcurrent and Thermal Protection
0.35µ CMOS Solution
48-Pin, 6x6mm QFN Package (0.4mm pitch)
2.1 Watt Power Dissipation @ TAMBIENT = 70ºC
Almost Pin Compatible to AS3603 (only one
pin changed)
Application
Multi-standard power management for mobile
phones, PDAs, and 1-cell Li+ or 3 to 4-cell Ni-MH
powered devices.
Preliminary Product Brief and AS3603/04 Delta Sheet, Confidential
AS3604
AS3603 with Momentary Power Loss Detection, synchronous DCDC
and increased driving capability of the LDOs


Similar Part No. - AS3604

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3603 AMSCO-AS3603 Datasheet
180Kb / 2P
Multi-Standard Power Management Unit
AS3603-FXC AMSCO-AS3603-FXC Datasheet
180Kb / 2P
Multi-Standard Power Management Unit
AS3603-GXC AMSCO-AS3603-GXC Datasheet
180Kb / 2P
Multi-Standard Power Management Unit
AS3606 AMSCO-AS3606 Datasheet
4Mb / 71P
System PMU with HV Back Light Driver
AS3606-BQFP-00 AMSCO-AS3606-BQFP-00 Datasheet
4Mb / 71P
System PMU with HV Back Light Driver
More results

Similar Description - AS3604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS2611 ETC1-TGS2611 Datasheet
106Kb / 2P
The detection of Methane
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Diodes Incorporated
ZXGD3104EV2 DIODES-ZXGD3104EV2 Datasheet
201Kb / 8P
The purpose of this board is to demonstrate the driving of a synchronous MOSFET
Rev erse
ZXGD3101EV2 DIODES-ZXGD3101EV2 Datasheet
302Kb / 8P
The purpose of this board is to demonstrate synchronous rectification and driving of a MOSFET
DECEMBER 2009
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
Infineon Technologies A...
IKQ120N60T INFINEON-IKQ120N60T Datasheet
1Mb / 16P
Increased current capability
Rev.2.2,2014-11-18
logo
ON Semiconductor
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
logo
Analog Devices
EVAL-ADPD105Z-GEN AD-EVAL-ADPD105Z-GEN Datasheet
1Mb / 26P
Supports the detection of UART
Rev. 0
logo
Infineon Technologies A...
F4-75R07W2H3-B51 INFINEON-F4-75R07W2H3-B51 Datasheet
995Kb / 14P
Increased blocking voltage capability to 650V
2014-10-15 revision:2.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com