Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L79L12ABZ Datasheet(PDF) 1 Page - STMicroelectronics

Part # L79L12ABZ
Description  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L12ABZ Datasheet(HTML) 1 Page - STMicroelectronics

  L79L12ABZ Datasheet HTML 1Page - STMicroelectronics L79L12ABZ Datasheet HTML 2Page - STMicroelectronics L79L12ABZ Datasheet HTML 3Page - STMicroelectronics L79L12ABZ Datasheet HTML 4Page - STMicroelectronics L79L12ABZ Datasheet HTML 5Page - STMicroelectronics L79L12ABZ Datasheet HTML 6Page - STMicroelectronics L79L12ABZ Datasheet HTML 7Page - STMicroelectronics L79L12ABZ Datasheet HTML 8Page - STMicroelectronics L79L12ABZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
December 2007
Rev 14
1/22
22
L79LxxAB
L79LxxAC - L79LxxC
Negative voltage regulators
Features
■ Output current up to 100 mA
■ Output voltages of -5; -6; -8; -9; -12; -15V
■ Thermal overload protection
■ Short circuit protection
■ No external components are required
■ Available in either ±5% (AC) or ±10% (C)
selection
Description
The L79Lxx series of three-terminal negative
regulators employ internal current limiting and
thermal shutdown, making them essentially
indestructible. If adequate heat-sink is provided,
they can deliver up to 100 mA output current.
They are intended as fixed voltage regulators in a
wide range of applications including local or on-
card regulation for elimination of noise and
distribution problems associated with single-point
regulation. In addition, they can be used with
power pass elements to make high-current
voltage regulators.
The L79Lxx series used as Zener diode/resistor
combination replacement, offers an effective
output impedance improvement of typically two
orders of magnitude, along with lower quiescent
current and lower noise.
SOT-89
TO-92
SO-8
Table 1.
Device summary
Part number
L79L05AC
L79L09AC
L79L05AB
L79L09AB
L79L06C
L79L12C
L79L06AC
L79L12AC
L79L06AB
L79L12AB
L79L08C
L79L15C
L79L08AC
L79L15AC
L79L08AB
L79L15AB
L79L09C
www.st.com


Similar Part No. - L79L12ABZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L79L12ABZ STMICROELECTRONICS-L79L12ABZ Datasheet
94Kb / 13P
NEGATIVE VOLTAGE REGULATORS
Dec-1999
logo
SYC Electronica
L79L12ABZ SYC-L79L12ABZ Datasheet
680Kb / 22P
Negative voltage regulators
More results

Similar Description - L79L12ABZ

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Texas Instruments
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62K TOREX-XC62K_1 Datasheet
1Mb / 17P
Negative Voltage Regulators
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905C STMICROELECTRONICS-L7905C_08 Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com