Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L79L12ABZ Datasheet(PDF) 11 Page - STMicroelectronics

Part # L79L12ABZ
Description  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L12ABZ Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L79L12ABZ Datasheet HTML 7Page - STMicroelectronics L79L12ABZ Datasheet HTML 8Page - STMicroelectronics L79L12ABZ Datasheet HTML 9Page - STMicroelectronics L79L12ABZ Datasheet HTML 10Page - STMicroelectronics L79L12ABZ Datasheet HTML 11Page - STMicroelectronics L79L12ABZ Datasheet HTML 12Page - STMicroelectronics L79L12ABZ Datasheet HTML 13Page - STMicroelectronics L79L12ABZ Datasheet HTML 14Page - STMicroelectronics L79L12ABZ Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
L79LxxAB - L79LxxAC - L79LxxC
Electrical characteristics
11/22
Table 13.
Electrical characteristics of L79L09AB and L79L09AC (refer to the test circuits,
VI = - 15 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125 °C for L79L05AC,
TJ = -40 to 125 °C for L79L05AB, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-8.64-9-9.36
V
VO
Output voltage
IO = 1 to 40 mA, VI = -11.5 to -23 V
-8.55
-9.45
V
IO = 1 to 70 mA, VI = -15 V
-8.55
-9.45
ΔVO
Line regulation
VI = -11.5 to -23 V, TJ = 25°C
225
mV
VI = -12 to -23 V, TJ = 25°C
150
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
80
mV
IO = 1 to 40 mA, TJ = 25°C
40
Id
Quiescent current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = -12 to -23 V
1.5
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
70
µV
SVR
Supply voltage rejection
VI = -12 to -23V, f = 120Hz
IO = 40 mA, TJ = 25°C
37
44
dB
Vd
Dropout voltage
1.7
V
Table 14.
Electrical characteristics of L79L12AB and L79L12AC (refer to the test circuits,
VI = - 19 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125 °C for L79L05AC,
TJ = -40 to 125 °C for L79L05AB, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-11.5
-12
-12.5
V
VO
Output voltage
IO = 1 to 40 mA, VI = -14.5 to -27 V
-11.4
-12.6
V
IO = 1 to 70 mA, VI = -19 V
-11.4
-12.6
ΔVO
Line regulation
VI = -14.5 to -27 V, TJ = 25°C
250
mV
VI = -16 to -27 V, TJ = 25°C
200
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
100
mV
IO = 1 to 40 mA, TJ = 25°C
50
Id
Quiescent current
TJ = 25°C
6.5
mA
TJ = 125°C
6
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = -16 to -27 V
1.5
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
80
µV
SVR
Supply voltage rejection
VI = -15 to -25V, f = 120Hz
IO = 40 mA, TJ = 25°C
37
42
dB
Vd
Dropout voltage
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com