Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L79L12ABZ Datasheet(PDF) 10 Page - STMicroelectronics

Part # L79L12ABZ
Description  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L12ABZ Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L79L12ABZ Datasheet HTML 6Page - STMicroelectronics L79L12ABZ Datasheet HTML 7Page - STMicroelectronics L79L12ABZ Datasheet HTML 8Page - STMicroelectronics L79L12ABZ Datasheet HTML 9Page - STMicroelectronics L79L12ABZ Datasheet HTML 10Page - STMicroelectronics L79L12ABZ Datasheet HTML 11Page - STMicroelectronics L79L12ABZ Datasheet HTML 12Page - STMicroelectronics L79L12ABZ Datasheet HTML 13Page - STMicroelectronics L79L12ABZ Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics
L79LxxAB - L79LxxAC - L79LxxC
10/22
Table 11.
Electrical characteristics of L79L06AB and L79L06AC (refer to the test circuits,
VI = - 12 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125 °C for L79L05AC,
TJ = -40 to 125 °C for L79L05AB, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-5.76-6-6.24
V
VO
Output voltage
IO = 1 to 40 mA, VI = -8.5 to -20 V
-5.7
-6.3
V
IO = 1 to 70 mA, VI = -12 V
-5.7
-6.3
ΔVO
Line regulation
VI = -8.5 to -20 V, TJ = 25°C
150
mV
VI = -9 to -20 V, TJ = 25°C
100
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
60
mV
IO = 1 to 40 mA, TJ = 25°C
30
Id
Quiescent current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = -8 to -20 V
1.5
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
50
µV
SVR
Supply voltage rejection
VI = -9 to -20V, f = 120Hz
IO = 40 mA, TJ = 25°C
39
46
dB
Vd
Dropout voltage
1.7
V
Table 12.
Electrical characteristics of L79L08AB and L79L08AC (refer to the test circuits,
VI = - 14 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125 °C for L79L05AC,
TJ = -40 to 125 °C for L79L05AB, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-7.68-8-8.32
V
VO
Output voltage
IO = 1 to 40 mA, VI = -10.5 to -23 V
-7.6
-8.4
V
IO = 1 to 70 mA, VI = -14 V
-7.6
-8.4
ΔVO
Line regulation
VI = -10.5 to -23 V, TJ = 25°C
175
mV
VI = -11 to -23 V, TJ = 25°C
125
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
80
mV
IO = 1 to 40 mA, TJ = 25°C
40
Id
Quiescent current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = -11 to -23 V
1.5
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
60
µV
SVR
Supply voltage rejection
VI = -12 to -23V, f = 120Hz
IO = 40 mA, TJ = 25°C
37
45
dB
Vd
Dropout voltage
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com