Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZC-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADL6337ACRZC-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZC-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADL6337ACRZC-R7 Datasheet HTML 28Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 29Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 30Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 31Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 32Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 33Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 34Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 35Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Data Sheet
ADL6337
PROGRAMMABILITY GUIDE
analog.com
Rev. E | 32 of 53
Viewing the register map at the highest level, the registers are
subdivided into the major functional blocks, as shown in Table 7.
See the Register Summary section for a complete list of all the
registers on the ADL6337.
Table 7. Memory Map Functional Groups
Register Address
Functional Blocks
0x000 to 0x011
SPI configuration
0x100
Function enable
0x102, 0x114, 0x115, 0c116
Four DSA preconfigurations settings
(TXENP = 1)
0x103
DSA configuration (TXENP = 0)
0x104 to 0x106, 0x110 to 0x113
IREF and IP3 configuration
0x10A, 0x10B
DSA1 and DSA2 manual configuration
0x120
SPI supply control
The ADL6337 has a unique feature controlled by TXENP, Pin 1
(see Table 8). The TXENP pin can perform fast on/off switching
of device operations for time division duplex (TDD) transmit ap-
plications. When TXENP is set to low (0 V), AMP1 and AMP2
are disabled (power-down mode) and current consumptions are
reduced. Also, use this mode to adjust DSA level in Register 0x103.
Its default attenuation level is the maximum (31.5 dB).
The normal operation mode of the ADL6337 uses the TXENP
pin set high, but it is recommended that TXENP be set to low
when configuring the registers. When ramping the TXENP pin high,
normal operation starts, and the 0x100, 0x10A, 0x10B, 0x102,
0x104, 0x105, 0x106, 0x111, 0x112, 0x113, 0x110, 0x114, 0x115,
and 0x116 registers are used for operation.
Register 0x100 comprises enable bits for the DSA1, AMP1, DSA2,
AMP2, and IP3 tuning blocks (see Table 9). The default value
of 0x07 in Register 0x100 allows for four DSA preconfiguration
settings, selectable by ATTSEL1 (Pin 9) and ATTSEL2 (Pin 10). It is
also called Attenuation State 0, 1, 2, and 3 (see Table 10).
The 0x102, 0x114, 0x115, and 0x116 registers can configure the
DSA attenuation levels.
►
Attenuation State 0:
►
ATTSEL2 (Pin 10) = low
►
ATTSEL1 (Pin 9) = low
►
Attenuation State 1:
►
ATTSEL2 (Pin 10) = low
►
ATTSEL1 (Pin 9) = high
►
Attenuation State 2:
►
ATTSEL2 (Pin 10) = high
►
ATTSEL1 (Pin 9) = low
►
Attenuation State 3:
►
ATTSEL2 (Pin 10) = high
►
ATTSEL1 (Pin 9) = high
After the software reset asserts, the default settings for each mode
are shown in Table 9. Parameters can be overwritten before or
during the operations.
This feature allows for rapid RF performance switching using asyn-
chronous external control with the ATTSEL1 and ATTSEL2 Pins.
When the ATTSEL feature is not used and only one fixed attenu-
ation level is used for operation, it is recommended to connect
ATTSEL1 and ATTSEL2 to GND (0 V) and configure Register
0x102 for Attenuation State 0 to set the DSA attenuation level.
Note that the DSA1 and DSA2 attenuation levels cannot be config-
ured individually in the four preconfiguration settings. The maximum
attenuation level is 31.5 dB. If 20 dB attenuation is selected, the
attenuation level in DSA2 is maximized first, and the rest of attenu-
ation level is implemented in DSA1. It indicates that the attenuation
levels are automatically allocated in the DSA1 and DSA2 blocks
to maximize the noise figure performance. Note that the maximum
attenuation level in DSA2 is 15.75 dB, which has the duplicated
register value at 31 and 32 decimals in the 0x102, 0x114, 0x115,
and 0x116 registers. The next attenuation (16.26 dB) in DSA1 starts
at the 33 decimal value.
Setting DSA_MAN_EN_0[7] = 1 in Register 0x100 allows for indi-
vidual control attenuation levels of DSA1 and DSA2 in Register
0x10A and Register 0x10B.
If the TXENP pin is held high when the 5 V supplies are applied, the
device ramps up with the 5 V supplies. It is suggested that TXENP
be held low during power-up.
ATTSEL1 and ATTSEL2 can be used to preset the DSA to any
value from 0 dB to 31.5 dB by preprogramming the desired values
via the SPI or using the default values provided in Table 10.
Table 8. TXENP Mode Selection
TXENP (Pin 1)
Operation Mode
Register to Use for Configuration
Description
0 (Low)
Power-down mode
0x103
To adjust DSA level manually. Default is the maximum attenuation level. AMP1
and AMP2 are disabled.
1 (High)
Normal operation mode
0x100
Enable AMP1, AMP2, LDO, etc.
Enable bit to adjust DSA1 and DSA2 individually.
0x10A, 0x10B
To adjust DSA1 and DSA2 levels individually at DSA_MAN_EN_0 0x100[7] = 1.
0x102, 0x114, 0x115, 0x116
Four preconfiguration DSA attenuation settings by ATTSEL1 (Pin 9) and
ATTSEL2 (Pin 10) at DSA_MAN_EN_0 0x100[7] = 0 (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com