Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZC-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL6337ACRZC-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZC-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL6337ACRZC-R7 Datasheet HTML 3Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 4Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 5Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 6Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 7Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 8Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 9Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 10Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Data Sheet
ADL6337
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. E | 7 of 53
Table 4. Absolute Maximum Ratings
Parameter
Rating
V50AMP1, V50AMP2, V50BIAS
−0.3 V to +5.6 V
SCLK, SDI, SDIO, CS, CS_A2, CS_A1, CS_A0,
TXENP
−0.3 V to +3.6 V
RF Input Power (IN_N, IN_P) at 50 Ω
10 dBm
Temperature
−40°C to +105°C
Operating Range (Measured at Exposed Pad)
Junction Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the conduction thermal resistance from junction to case
where the case temperature is measured at the bottom of the
package.
The thermal resistance value specified in Table 5 is simulated
based on JEDEC specifications (unless specified otherwise) and
must be used in compliance with JESD51-12.
Table 5. Thermal Resistance
Package Type
θJC
Unit
CR-32-2
7.4
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com