Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZC-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADL6337ACRZC-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZC-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADL6337ACRZC-R7 Datasheet HTML 35Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 36Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 37Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 38Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 39Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 40Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 41Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 42Page - Analog Devices ADL6337ACRZC-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Data Sheet
ADL6337
INPUT AND OUTPUT PORT MATCHING
analog.com
Rev. E | 39 of 53
The ADL6337 has four variants for four operating frequency rang-
es. Each variant has different input port matching schemes. The
ADL6337-A requires external matching components for a 50 Ω in-
put impedance to achieve the return loss specification, and external
matching components are required for 100 Ω source matching. See
Figure 122. The ADL6337-B, the ADL6337-C, and ADL6337-D do
not require any external components to match the 50 Ω input impe-
dance. However, the external matching components must match
the single-ended 50 Ω load impedance only for the ADL6337-C and
ADL6337-D. Additionally, the external matching components must
match the 100 Ω input source impedance. See Figure 123, Figure
124, and Figure 125. Note that the matching components can be
changed due to the board structures and materials.
Figure 122. Input Matching Components for the ADL6337-A
Figure 123. Input Matching Components for the ADL6337-B
Figure 124. Input and Output Components for the ADL6337-C
Figure 125. Input and Output Components for the ADL6337-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com