Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZD-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADL6337ACRZD-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZD-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADL6337ACRZD-R7 Datasheet HTML 29Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 30Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 31Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 32Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 33Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 34Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 35Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 36Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Data Sheet
ADL6337
PROGRAMMABILITY GUIDE
analog.com
Rev. E | 33 of 53
Table 8. TXENP Mode Selection (Continued)
TXENP (Pin 1)
Operation Mode
Register to Use for Configuration
Description
0x110
IP3 Linearization Block Enable register. Use default to enable.
0x104, 0x105, 0x106, 0x111, 0x112,
0x113
IP3 linearization trimming values for AMP1 and AMP2 (for example, 0x010).
Table 9. Register 0x100: Enable Register for Normal Operation
Bits
Bit Name
Description
Reset
Access
7
DSA_MAN_EN_0
DSA Manual Mode Enable When TXENP = 1.
0x0
R/W
0: Enable four preconfiguration settings via ATTSEL pins
1: Register 0x10A, 0x10B are used to configure DSA1 and DSA2 individually.
6
AMP2_IP3_OFF_0_0
Turn off AMP2 IP3 Currents ATTSEL00 When TXENP = 1.
0x0
R/W
0: Use default
1: Analog Devices internal
5
AMP1_IP3_OFF_0_0
Turn off AMP1 IP3 Currents ATTSEL00 When TXENP = 1.
0x0
R/W
0: Use default
1: Analog Devices internal
4
LDO33_EN_0
Not used.
0x0
R/W
3
EN_IBIASGEN_RESISTOR_0
Not used.
0x0
R/W
2
EN_IBIASGEN_0
Enable Bias Generator When TXENP = 1.
0x1
R/W
0: disable.
1: enable.
1
AMP2_EN_0
Enable Amp 2 When TXENP = 1.
0x1
R/W
0: disable.
1: enable.
0
AMP1_EN_0
Enable Amp 1 When TXENP = 1.
0x1
R/W
0: disable.
1: enable.
Table 10. Four Preconfiguration Settings for DSA
Attenuation
State
ATTSEL2
(Pin 10)
ATTSEL1
(Pin 9)
Reg.
Address
Register Name
Bits
Bit 7
Bit 6
Bits[5:0], DSA Setting 0 dB to 31.5 dB at 0.5 dB Step
0
0
0
0x102
SIG_PATH2_0
[5:0]
N/A
N/A
Default = 0.0 dB attenuation
1
0
1
0x114
DSA_ATTSEL_1
[5:0]
N/A
N/A
Default = 12.2 dB attenuation
2
1
0
0x115
DSA_ATTSEL_2
[5:0]
N/A
N/A
Default = 23.88 dB attenuation
3
1
1
0x116
DSA_ATTSEL_3
[5:0]
N/A
N/A
Default = 31.5 dB attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com