Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZD-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL6337ACRZD-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZD-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL6337ACRZD-R7 Datasheet HTML 7Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 8Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 9Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 10Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 11Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 12Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 13Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 14Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Data Sheet
ADL6337
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. E | 11 of 53
ADL6337-A
V50AMP1 = V50AMP2 = 5 V, TA = 25°C, input power = −25 dBm (−25 dBm per tone for two tones), DSA attenuation= 0 dB, RS = RL = 50 Ω,
TRM_AMP1_IP3_0 = 2, TRM_AMP2_IP3_= 3, TRM_AMP1_IREF_0_0 = TRM_AMP1_IREF_1 = TRM_AMP1_IREF_2 = TRM_AMP1_IREF_3
= 13, TRM_AMP2_IREF_0_0 = TRM_AMP2_IREF_1 = TRM_AMP2_IREF_2 = TRM_AMP2_IREF_3 = 11, unless otherwise noted.
Figure 12. Gain vs. Frequency; 0.5 dB DSA Steps
Figure 13. Gain vs. Frequency for Various Supplies
Figure 14. Gain vs. Frequency for Various Temperatures
Figure 15. Attenuation vs. DSA at 620 MHz, 869 MHz, and 960 MHz
Figure 16. OP1dB vs. Frequency for Various Supplies
Figure 17. OP1dB vs. Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com