Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337ACRZD-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL6337ACRZD-R7
Description  35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6337ACRZD-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL6337ACRZD-R7 Datasheet HTML 4Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 5Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 6Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 7Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 8Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 9Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 10Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 11Page - Analog Devices ADL6337ACRZD-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Data Sheet
ADL6337
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. E | 8 of 53
Figure 6. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
TXENP
Input
Amplifier Enable.
2, 7, 8, 15, 16, 17, 28
NIC
No Internal Connection. These pins have no physical connection within the chip. They can be
grounded or floated.
3, 6, 12, 13, 18, 19, 20,
22, 23
GND
Input/Output
Ground.
4
RFIN_P
Input
Positive RF Input.
5
RFIN_N
Input
Negative RF Input.
9
ATTSEL1
Input
Fast Attenuation Selection.
10
ATTSEL2
Input
Fast Attenuation Selection.
11
V50AMP1
Input
Amplifier 1 Analog Power Supply (5.0 V).
14
V50AMP2
Input
Amplifier 2 Analog Power Supply (5.0 V).
21
RFOUT
Output
Single-Ended RF Output.
24
SDO
Output
Serial Port Data Output in 4-Wire SPI Mode. Analog Devices, Inc., recommends to leave this pin
floating when 3-wire SPI mode is used.
25
CS
Input
Serial Port Latch Enable Input.
26
SDIO
Input/Output
Serial Port Bidirectional Data Input/Output.
27
SCLK
Input
Serial Port Clock Input.
29
CS_A2
Input
Chip Select. Refer to the Configuring Multiple Chips to Share the SPI Bus section for information
about the connections in a multiple chip operation. Ground these pins if unused.
30
CS_A1
Input
Chip Select. Refer to the Configuring Multiple Chips to Share the SPI Bus section for information
about the connections in a multiple chip operation. Ground these pins if unused.
31
CS_A0
Input
Chip Select. Refer to the Configuring Multiple Chips to Share the SPI Bus section for information
about the connections in a multiple chip operation. Ground these pins if unused.
32
V50BIAS
Input
Bias Circuitry Power Supply (5.0 V)
EPAD
Input/Output
Exposed Pad 1. The exposed pad must be connected to ground for electrical and thermal
purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com