Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002 Datasheet(PDF) 52 Page - Analog Devices

Part # ADRV9002
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADRV9002 Datasheet HTML 48Page - Analog Devices ADRV9002 Datasheet HTML 49Page - Analog Devices ADRV9002 Datasheet HTML 50Page - Analog Devices ADRV9002 Datasheet HTML 51Page - Analog Devices ADRV9002 Datasheet HTML 52Page - Analog Devices ADRV9002 Datasheet HTML 53Page - Analog Devices ADRV9002 Datasheet HTML 54Page - Analog Devices ADRV9002 Datasheet HTML 55Page - Analog Devices ADRV9002 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
Data Sheet
ADRV9002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 52 of 100
3500 MHz LO
The temperature settings refer to the die temperature. All LO frequencies set to 3500 MHz, unless otherwise noted.
Figure 142. Receiver Absolute Gain (Complex) vs. Gain Index, Baseband
Frequency = 5.6 MHz, ADC = High Performance, POUT = −9.6 dBFS
Figure 143. Receiver Absolute Gain (Complex) vs. LO Frequency, Baseband
Frequency = 5.6 MHz, ADC = High Performance, POUT = −9.6 dBFS
Figure 144. Receiver Noise Figure vs. Gain Index, Baseband Frequency = 5.6
MHz, ADC = High Performance
Figure 145. Receiver Noise Figure vs. LO Frequency, Baseband Frequency =
5.6 MHz, ADC = High Performance
Figure 146. Receiver Noise Figure vs. Gain Index, Baseband Frequency = 5.6
MHz, ADC = Low Power
Figure 147. Receiver Noise Figure vs. LO Frequency, Baseband Frequency =
5.6 MHz, ADC = Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com