Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002 Datasheet(PDF) 86 Page - Analog Devices

Part # ADRV9002
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADRV9002 Datasheet HTML 82Page - Analog Devices ADRV9002 Datasheet HTML 83Page - Analog Devices ADRV9002 Datasheet HTML 84Page - Analog Devices ADRV9002 Datasheet HTML 85Page - Analog Devices ADRV9002 Datasheet HTML 86Page - Analog Devices ADRV9002 Datasheet HTML 87Page - Analog Devices ADRV9002 Datasheet HTML 88Page - Analog Devices ADRV9002 Datasheet HTML 89Page - Analog Devices ADRV9002 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
Data Sheet
ADRV9002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 86 of 100
5800 MHz LO
The temperature settings refer to the die temperature. All LO frequencies set to 5800 MHz, unless otherwise noted.
Figure 331. Receiver Absolute Gain (Complex) vs. Gain Index, Baseband
Frequency = 2.1 kHz, ADC = High Performance, POUT = −9.6 dBFS
Figure 332. Receiver Noise Figure vs. Gain Index, Baseband Frequency = 2.1
kHz, ADC = High Performance
Figure 333. Receiver Noise Figure vs. Gain Index, Baseband Frequency = 2.1
kHz, ADC = Low Power
Figure 334. Receiver Second-Order Harmonic Distortion vs. Gain Index,
Baseband Frequency = 2.1 kHz, ADC = High Performance
Figure 335. Receiver Second-Order Harmonic Distortion vs. Baseband
Frequency, Gain Index = 255, ADC = High Performance
Figure 336. Receiver Second-Order Harmonic Distortion vs. Gain Index,
Baseband Frequency = 2.1 kHz, ADC = Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com